Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC200-LB3C Fiches technique(PDF) 48 Page - Nuvoton Technology Corporation

No de pièce NUC200-LB3C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC200-LB3C Fiches technique(HTML) 48 Page - Nuvoton Technology Corporation

Back Button NUC200-LB3C Datasheet HTML 44Page - Nuvoton Technology Corporation NUC200-LB3C Datasheet HTML 45Page - Nuvoton Technology Corporation NUC200-LB3C Datasheet HTML 46Page - Nuvoton Technology Corporation NUC200-LB3C Datasheet HTML 47Page - Nuvoton Technology Corporation NUC200-LB3C Datasheet HTML 48Page - Nuvoton Technology Corporation NUC200-LB3C Datasheet HTML 49Page - Nuvoton Technology Corporation NUC200-LB3C Datasheet HTML 50Page - Nuvoton Technology Corporation NUC200-LB3C Datasheet HTML 51Page - Nuvoton Technology Corporation NUC200-LB3C Datasheet HTML 52Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 48 of 107
Rev 1.01
nRESET Reset
6.2.2.1
The nRESET reset means to generate a reset signal by pulling low nRESET pin, which is an
asynchronous reset input pin and can be used to reset system at any time. When the nRESET
voltage is lower than 0.2 VDD and the state keeps longer than 36 us (glitch filter), chip will be
reset. The nRESET reset will control the chip in reset state until the nRESET voltage rises above
0.7 VDD and the state keeps longer than 36 us (glitch filter). The RSTS_RESET (RSTSRC[1]) will
be set to 1 if the previous reset source is nRESET reset. Figure 6-3 shows the nRESET reset
waveform.
SS
nRESET
0.2 VDD
0.7 VDD
nRESET Reset
SS
36 us
36 us
Figure 6-3 nRESET Reset Waveform
Power-On Reset (POR)
6.2.2.2
The Power-on reset (POR) is used to generate a stable system reset signal and forces the
system to be reset when power-on to avoid unexpected behavior of MCU. When applying the
power to MCU, the POR module will detect the rising voltage and generate reset signal to system
until the voltage is ready for MCU operation. At POR reset, the RSTS_POR (RSTSRC[0]) will be
set to 1 to indicate there is a POR reset event. The RSTS_POR (RSTSRC[0]) bit can be cleared
by writing 1 to it. Figure 6-4 shows the waveform of Power-On reset.
VDD
VPOR
Power On
Reset
0.1V
Figure 6-4 Power-on Reset (POR) Waveform
Low Voltage Reset (LVR)
6.2.2.3
If the Low Voltage Reset function is enabled by setting the Low Voltage Reset Enable Bit
LVR_EN (BODCR[7]) to 1, after 100us delay, LVR detection circuit will be stable and the LVR
function will be active. Then LVR function will detect AVDD during system operation. When the


Numéro de pièce similaire - NUC200-LB3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC200-LC1C NUVOTON-NUC200-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC200-LC1E NUVOTON-NUC200-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC200-LC1N NUVOTON-NUC200-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC200-LC2C NUVOTON-NUC200-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC200-LC2E NUVOTON-NUC200-LC2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC200-LB3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com