Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC220-RA3C Fiches technique(PDF) 2 Page - Nuvoton Technology Corporation

No de pièce NUC220-RA3C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC220-RA3C Fiches technique(HTML) 2 Page - Nuvoton Technology Corporation

  NUC220-RA3C Datasheet HTML 1Page - Nuvoton Technology Corporation NUC220-RA3C Datasheet HTML 2Page - Nuvoton Technology Corporation NUC220-RA3C Datasheet HTML 3Page - Nuvoton Technology Corporation NUC220-RA3C Datasheet HTML 4Page - Nuvoton Technology Corporation NUC220-RA3C Datasheet HTML 5Page - Nuvoton Technology Corporation NUC220-RA3C Datasheet HTML 6Page - Nuvoton Technology Corporation NUC220-RA3C Datasheet HTML 7Page - Nuvoton Technology Corporation NUC220-RA3C Datasheet HTML 8Page - Nuvoton Technology Corporation NUC220-RA3C Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 2 of 107
Rev 1.01
Table of Contents
List of Figures ................................................................................... 6
List of Tables .................................................................................... 7
1
GENERAL DESCRIPTION ............................................................. 8
2
FEATURES ............................................................................... 9
NuMicro
® NUC100 Features – Advanced Line .......................................... 9
2.1
NuMicro
® NUC120 Features – USB Line ...............................................13
2.2
3
ABBREVIATIONS ......................................................................17
4
PARTS INFORMATION LIST AND PIN CONFIGURATION .....................19
NuMicro
® NUC100/120xxxDN Selection Guide ........................................19
4.1
4.1.1
NuMicro
® NUC100 Advanced Line Selection Guide......................................... 19
4.1.2
NuMicro
® NUC120 USB Line Selection Guide ............................................... 19
Pin Configuration ...........................................................................21
4.2
4.2.1
NuMicro
® NUC100 Pin Diagram ................................................................ 21
4.2.2
NuMicro
® NUC120 Pin Diagram ................................................................ 24
Pin Description ..............................................................................27
4.3
4.3.1
NuMicro
® NUC100 Pin Description............................................................. 27
4.3.2
NuMicro
® NUC120 Pin Description............................................................. 34
5
BLOCK DIAGRAM......................................................................41
NuMicro
® NUC100 Block Diagram .......................................................41
5.1
NuMicro
® NUC120 Block Diagram .......................................................42
5.2
6
FUNCTIONAL DESCRIPTION........................................................43
ARM
® Cortex® -M0 Core ...................................................................43
6.1
System Manager............................................................................45
6.2
6.2.1
Overview ........................................................................................... 45
6.2.2
System Reset ..................................................................................... 45
6.2.3
Power Modes and Wake-up Sources .......................................................... 51
6.2.4
System Power Distribution ...................................................................... 53
6.2.5
System Memory Map............................................................................. 56
6.2.6
System Timer (SysTick) ......................................................................... 58
6.2.7
Nested Vectored Interrupt Controller (NVIC) ................................................. 59
Clock Controller .............................................................................60
6.3
6.3.1
Overview ........................................................................................... 60
6.3.2
Clock Generator................................................................................... 62


Numéro de pièce similaire - NUC220-RA3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC220-LC1C NUVOTON-NUC220-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC1E NUVOTON-NUC220-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC1N NUVOTON-NUC220-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC2C NUVOTON-NUC220-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC2E NUVOTON-NUC220-LC2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC220-RA3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com