Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC5902DS Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce AMC5902DS
Description  6CH Motor Driver for CD-ROM, DVD-ROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AMC5902DS Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC5902DS Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC5902DS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AMC DOC. #: AMC5902_B
March 2004
Copyright
 2003, 2004 ADD Microtech Corp.
1
www.addmtek.com
DESCRIPTION
FEATURES
The AMC5902 is a monolithic chip with 6 channel motor
drivers designed by advanced BiCMOS process technology.
The AMC5902 contains 3 BTL drivers,2 PWM drivers and a
3-phase spindle motor driver.
The AMC5902 is the best fit for modern optical disk driver
system which has spindle motor and all actuators.
The AMC5902 contains a direct PWM control system for
spindle and two slide channels drive thus that the total power
consumption can be reduced. Besides, voltage supplies for
spindle, slide, focus/tracking and loading can be set separately.
Further more, the two control modes -ON/OFF of loading,
FOUT amplifier, brake mode select of spindle driver, standy
mode, thermal shut down circuit are internally designed in.
These features make the AMC5902 an ideal device for optical
disc related systems.
Designed by advanced BiCMOS process, low
power and low chip temperature.
Patented package to reduce chip temperature.
3 BTL drivers, 2 PWM drivers and 3 phase
spindle motor driver.
Built-in triangular-wave generator.
0 to 5V wide voltage range for input pins
Thermal shutdown with 30°C hysteresis.
Built-in current limit, hall bias,short brake,
FOUT output and reverse protection circuit.
APPLICATIONS
PACKAGE PIN OUT
CD-RW, DVD-RW
CD-ROM, DVD, DVD-ROM
Optical Disc Related Systems.
ORDER INFORMATION
Plastic TSOP
TA (°C)
DS
54-Pin
AMC5902DS
0 to 70
AMC5902DSF
Note: Package is available with Tape & Reel. Append the letter “T” to part number (i.e. AMC5902DST).
The letter “F” is marked for Lead Free process .
AMC5902
6CH Motor Driver for
CD-ROM, DVD-ROM
TSOP-54L
(TOP VIEW)
ADD MICROTECH CORP.
HU-
HU+
HV+
HV-
HW+
HW-
HB
PGND1
U
VCC1
V
GND
GND
GND
GND
GND
PGND2
W
VCC2
CSSP
FOUT
CTL1
CTL2
SPIN
DGND
LDIN
VREF
VCC6
FOIN
TKIN
VCC4
LDO+
LDO-
TKO+
TKO-
FO+
GND
GND
FO-
VCC5
GND
GND
GND
AGND
SO1+
SO1-
SO2+
SO2-
SLGND
CS2
CS1
VCC3
IN2SL
IN1SL
1
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
2
3
4
5
6
7
8
9
10
17
20
19
16
18
22
21
11
12
13
14
15
23
24
25
26
27


Numéro de pièce similaire - AMC5902DS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
logo
Ohmite Mfg. Co.
AMC OHMITE-AMC Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
Amphenol RF.
AMC RF-AMC Datasheet
87Kb / 2P
   Ultraminiature Product Series
logo
Conquer Electronics Co....
AMC CONQUER-AMC Datasheet
473Kb / 1P
   Suitable for the telecommunications industry
logo
List of Unclassifed Man...
AMC-10 ETC-AMC-10 Datasheet
104Kb / 1P
   Micro EM Clutch
More results

Description similaire - AMC5902DS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD7998EFS ROHM-BD7998EFS Datasheet
171Kb / 5P
   6ch Power Driver for CD-ROM, DVD-ROM
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
BD7905BFS ROHM-BD7905BFS Datasheet
202Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
BD7996EFV ROHM-BD7996EFV Datasheet
171Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BD7967EFS ROHM-BD7967EFS Datasheet
589Kb / 6P
   5CH Power Driver for CD-ROM/DVD-ROM
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com