Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC140-RE1C Datasheet(Fiches technique) 20 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-RE1C
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 20 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 20 of 107
Rev 1.01
NUC120RC1DN
32 KB
4 KB 4 KB
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120RD1DN
64 KB
4 KB 4 KB
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120RD2DN
64 KB
8 KB 4 KB
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120RD3DN
64 KB 16 KB 4 KB
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120RE3DN 128 KB 16 KB
Defin
able
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120VD2DN
64 KB
8 KB 4 KB
4 KB
up to
80
4x32-
bit
3
4
2
1
-
-
1
3
2
8
8x12-
bit
v
v
v
LQFP100
NUC120VD3DN
64 KB 16 KB 4 KB
4 KB
up to
80
4x32-
bit
3
4
2
1
-
-
1
3
2
8
8x12-
bit
v
v
v
LQFP100
NUC120VE3DN 128 KB 16 KB
Defin
able
4 KB
up to
80
4x32-
bit
3
4
2
1
-
-
1
3
2
8
8x12-
bit
v
v
v
LQFP100
NUC 1 0
- X X
ARM-Based
32-bit Microcontroller
0: Advanced Line
2: USB Line
3: Automotive Line
4: Connectivity Line
CPU core
1/2: Cortex-M0
5/7: ARM7
9:
ARM9
Temperature
N: -40℃ ~ +85℃
E: -40℃ ~ +105℃
C: -40℃ ~ +125℃
Reserve
X X
Function
0
Package Type
Y: QFN 36
L: LQFP 48
R: LQFP 64
V: LQFP 100
X
RAM Size
1: 4 KB
2: 8 KB
3: 16 KB
APROM Size
A: 8 KB
B: 16 KB
C: 32 KB
D: 64 KB
E: 128 KB
Figure 4-1 NuMicro
® NUC100 Series Selection Code




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl