Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-LE1C Fiches technique(PDF) 53 Page - Nuvoton Technology Corporation

No de pièce NUC140-LE1C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-LE1C Fiches technique(HTML) 53 Page - Nuvoton Technology Corporation

Back Button NUC140-LE1C Datasheet HTML 49Page - Nuvoton Technology Corporation NUC140-LE1C Datasheet HTML 50Page - Nuvoton Technology Corporation NUC140-LE1C Datasheet HTML 51Page - Nuvoton Technology Corporation NUC140-LE1C Datasheet HTML 52Page - Nuvoton Technology Corporation NUC140-LE1C Datasheet HTML 53Page - Nuvoton Technology Corporation NUC140-LE1C Datasheet HTML 54Page - Nuvoton Technology Corporation NUC140-LE1C Datasheet HTML 55Page - Nuvoton Technology Corporation NUC140-LE1C Datasheet HTML 56Page - Nuvoton Technology Corporation NUC140-LE1C Datasheet HTML 57Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 53 of 107
Rev 1.01
After chip enters power down, the following wake-up sources can wake chip up to normal mode.
Wake-Up
Source
Wake-Up Condition
System Can Enter Power-Down Mode Again Condition*
BOD
Brown-Out Detector Interrupt After software writes 1 to clear BOD_INTF (BODCR[4]).
GPIO
GPIO Interrupt
After software write 1 to clear the ISRC[n] bit.
TIMER
Timer Interrupt
After software writes 1 to clear TWF (TISRx[1]) and TIF (TISRx[0]).
WDT
WDT Interrupt
After software writes 1 to clear WTWKF (WTCR[5]) (Write Protect).
RTC
Alarm Interrupt
After software writes 1 to clear AIF (RIIR[0]).
Time Tick Interrupt
After software writes 1 to clear TIF (RIIR[1]).
UART
nCTS wake-up
After software writes 1 to clear DCTSF (UA_MSR[0]).
I
2C
Addressing I
2C device
After software writes 1 to clear WKUPIF (I2CWKUPSTS[0]).
USB
Remote Wake-up
After software writes 1 to clear BUS_STS (USBD_INTSTS[0]).
*User needs to wait this condition before setting PWR_DOWN_EN (PWRCON[7]) and execute WFI to enter Power-down mode.
Table 6-4*User needs to wait this condition before setting PWR_DOWN_EN (PWRCON[7]) and execute WFI to enter Power-
down mode.
Table 6-4 lists the condition about how to enter Power-down mode again for each peripheral.
Wake-Up
Source
Wake-Up Condition
System Can Enter Power-Down Mode Again Condition*
BOD
Brown-Out Detector Interrupt After software writes 1 to clear BOD_INTF (BODCR[4]).
GPIO
GPIO Interrupt
After software write 1 to clear the ISRC[n] bit.
TIMER
Timer Interrupt
After software writes 1 to clear TWF (TISRx[1]) and TIF (TISRx[0]).
WDT
WDT Interrupt
After software writes 1 to clear WTWKF (WTCR[5]) (Write Protect).
RTC
Alarm Interrupt
After software writes 1 to clear AIF (RIIR[0]).
Time Tick Interrupt
After software writes 1 to clear TIF (RIIR[1]).
UART
nCTS wake-up
After software writes 1 to clear DCTSF (UA_MSR[0]).
I
2C
Addressing I
2C device
After software writes 1 to clear WKUPIF (I2CWKUPSTS[0]).
USB
Remote Wake-up
After software writes 1 to clear BUS_STS (USBD_INTSTS[0]).
*User needs to wait this condition before setting PWR_DOWN_EN (PWRCON[7]) and execute WFI to enter Power-down mode.
Table 6-4 Condition of Entering Power-down Mode Again
6.2.4
System Power Distribution
In this chip, the power distribution is divided into three segments.
Analog power from AVDD and AVSS provides the power for analog components
operation.
Digital power from VDD and VSS supplies the power to the internal regulator which
provides a fixed 1.8 V power for digital operation and I/O pins.


Numéro de pièce similaire - NUC140-LE1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-LE1C NUVOTON-NUC140-LE1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-LE1C NUVOTON-NUC140-LE1C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-LE1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com