Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-LE1C Fiches technique(PDF) 12 Page - Nuvoton Technology Corporation

No de pièce NUC120-LE1C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-LE1C Fiches technique(HTML) 12 Page - Nuvoton Technology Corporation

Back Button NUC120-LE1C Datasheet HTML 8Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 9Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 10Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 11Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 12Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 13Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 14Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 15Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 16Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 12 of 107
Rev 1.01
Separate receive / transmit 4 bytes entry FIFO for data payloads
Programmable transmission clock frequency
Programmable receiver buffer trigger level
Programmable guard time selection (11 ETU ~ 266 ETU)
One 24-bit and two 8-bit time-out counters for Answer to Request (ATR) and waiting
times processing
Supports auto inverse convention function
Supports transmitter and receiver error retry and error limit function
Supports hardware activation sequence process
Supports hardware warm reset sequence process
Supports hardware deactivation sequence process
Supports hardware auto deactivation sequence when detecting the card is removal
96-bit unique ID (UID)
One built-in temperature sensor with 1℃ resolution
Brown-out Detector
With 4 levels: 4.4 V/3.7 V/2.7 V/2.2 V
Supports Brown-out Interrupt and Reset option
Low Voltage Reset
Threshold voltage level: 2.0 V
Operating Temperature: -40℃ ~ 85℃
Packages:
All Green package (RoHS)
LQFP 100-pin
LQFP 64-pin
LQFP 48-pin


Numéro de pièce similaire - NUC120-LE1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-LE1C NUVOTON-NUC120-LE1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC120-LE1C NUVOTON-NUC120-LE1C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC120-LE1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com