Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-LE1C Fiches technique(PDF) 77 Page - Nuvoton Technology Corporation

No de pièce NUC120-LE1C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-LE1C Fiches technique(HTML) 77 Page - Nuvoton Technology Corporation

Back Button NUC120-LE1C Datasheet HTML 73Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 74Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 75Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 76Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 77Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 78Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 79Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 80Page - Nuvoton Technology Corporation NUC120-LE1C Datasheet HTML 81Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 77 of 107
Rev 1.01
460800
A=1
0x0000_0001
A=1,B=15
A=2,B=11
0x2F00_0001
0x2B00_0002
A=46
0x3000_002E
230400
A=4
0x0000_0004
A=4,B=15
A=6,B=11
0x2F00_0004
0x2B00_0006
A=94
0x3000_005E
115200
A=10
0x0000_000A
A=10,B=15
A=14,B=11
0x2F00_000A
0x2B00_000E
A=190
0x3000_00BE
57600
A=22
0x0000_0016
A=22,B=15
A=30,B=11
0x2F00_0016
0x2B00_001E
A=382
0x3000_017E
38400
A=34
0x0000_0022
A=62,B=8
A=46,B=11
A=34,B=15
0x2800_003E
0x2B00_002E
0x2F00_0022
A=574
0x3000_023E
19200
A=70
0x0000_0046
A=126,B=8
A=94,B=11
A=70,B=15
0x2800_007E
0x2B00_005E
0x2F00_0046
A=1150
0x3000_047E
9600
A=142
0x0000_008E
A=254,B=8
A=190,B=11
A=142,B=15
0x2800_00FE
0x2B00_00BE
0x2F00_008E
A=2302
0x3000_08FE
4800
A=286
0x0000_011E
A=510,B=8
A=382,B=11
A=286,B=15
0x2800_01FE
0x2B00_017E
0x2F00_011E
A=4606
0x3000_11FE
Table 6-7 UART Baud Rate Setting Table
The UART0 and UART1 controllers support the auto-flow control function that uses two low-level
signals, /CTS (clear-to-send) and /RTS (request-to-send), to control the flow of data transfer
between the chip and external devices (e.g. Modem). When auto-flow is enabled, the UART is not
allowed to receive data until the UART asserts /RTS to external device. When the number of
bytes in the RX FIFO equals the value of RTS_TRI_LEV (UA_FCR [19:16]), the /RTS is de-
asserted. The UART sends data out when UART controller detects /CTS is asserted from external
device. If a valid asserted /CTS is not detected the UART controller will not send data out.
MCR [RTS]
MCR [RTS_ST]
UART Mode : MCR[LEV_RTS] = 1
MCR [RTS]
MCR [RTS_ST]
UART Mode : MCR[LEV_RTS] = 0
Figure 6-16 UART nRTS Auto-Flow Control Trigger Level
The UART controllers also provides Serial IrDA (SIR, Serial Infrared) function (User must set
IrDA_EN (UA_FUN_SEL [1]) to enable IrDA function). The SIR specification defines a short-range
infrared asynchronous serial transmission mode with 1 start bit, 8 data bits, and 1 stop bit. The
maximum data rate supports up to 115.2 Kbps (half duplex). The IrDA SIR block contains an IrDA


Numéro de pièce similaire - NUC120-LE1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-LE1C NUVOTON-NUC120-LE1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC120-LE1C NUVOTON-NUC120-LE1C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC120-LE1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com