Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-RC3C Fiches technique(PDF) 29 Page - Nuvoton Technology Corporation

No de pièce NUC120-RC3C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-RC3C Fiches technique(HTML) 29 Page - Nuvoton Technology Corporation

Back Button NUC120-RC3C Datasheet HTML 25Page - Nuvoton Technology Corporation NUC120-RC3C Datasheet HTML 26Page - Nuvoton Technology Corporation NUC120-RC3C Datasheet HTML 27Page - Nuvoton Technology Corporation NUC120-RC3C Datasheet HTML 28Page - Nuvoton Technology Corporation NUC120-RC3C Datasheet HTML 29Page - Nuvoton Technology Corporation NUC120-RC3C Datasheet HTML 30Page - Nuvoton Technology Corporation NUC120-RC3C Datasheet HTML 31Page - Nuvoton Technology Corporation NUC120-RC3C Datasheet HTML 32Page - Nuvoton Technology Corporation NUC120-RC3C Datasheet HTML 33Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 29 -
Revision V2.03
rity “0” is treated as the fourth priority on
“NMI” and “Hard Fault”.
5.2.6.1
Exception Model and System Interrupt Map
Table 5-2 lists the exception model supported by NuMicro
™ NUC100 Series. Software can set
four levels of priority on some of these exceptions as well as on all interrupts. The highest user-
configurable priority is denoted as “0” and the lowest priority is denoted as “3”. The default priority
of all the user-configurable interrupts is “0”. Note that prio
the system, after three system exceptions “Reset”,
Exception Name
Vector Number
Priority
Reset
1
-3
NMI
2
-2
Hard Fault
3
-1
Reserved
4 ~ 10
Reserved
SVCall
11
Configurable
Reserved
12 ~ 13
Reserved
PendSV
14
Configurable
SysTick
15
Configurable
Interrupt (IRQ0 ~ IRQ31)
16 ~ 47
Configurable
Table 5-2 Exception Model
Vector
Number
Interrupt
Number
(Bit in Interrupt
Registers)
Interrupt
Name
Source IP Interrupt description
0 ~ 15
-
-
-
System exceptions
16
0
BOD_OUT
Brown-Out Brown-Out low voltage detected interrupt
17
1
WDT_INT
WDT
Watchdog Timer interrupt
18
2
EINT0
GPIO
External signal interrupt from PB.14 pin
19
3
EINT1
GPIO
External signal interrupt from PB.15 pin
20
4
GPAB_INT
GPIO
External signal interrupt from PA[15:0]/PB[13:0]
21
5
GPCDE_INT
GPIO
External interrupt from PC[15:0]/PD[15:0]/PE[15:0]
22
6
PWMA_INT
PWM0~3 PWM0, PWM1, PWM2 and PWM3 interrupt
23
7
PWMB_INT
PWM4~7 PWM4, PWM5, PWM6 and PWM7 interrupt
24
8
TMR0_INT
TMR0
Timer 0 interrupt
25
9
TMR1_INT
TMR1
Timer 1 interrupt


Numéro de pièce similaire - NUC120-RC3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-RC3C NUVOTON-NUC120-RC3C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-RC3C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com