Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-YC3C Fiches technique(PDF) 42 Page - Nuvoton Technology Corporation

No de pièce NUC100-YC3C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-YC3C Fiches technique(HTML) 42 Page - Nuvoton Technology Corporation

Back Button NUC100-YC3C Datasheet HTML 38Page - Nuvoton Technology Corporation NUC100-YC3C Datasheet HTML 39Page - Nuvoton Technology Corporation NUC100-YC3C Datasheet HTML 40Page - Nuvoton Technology Corporation NUC100-YC3C Datasheet HTML 41Page - Nuvoton Technology Corporation NUC100-YC3C Datasheet HTML 42Page - Nuvoton Technology Corporation NUC100-YC3C Datasheet HTML 43Page - Nuvoton Technology Corporation NUC100-YC3C Datasheet HTML 44Page - Nuvoton Technology Corporation NUC100-YC3C Datasheet HTML 45Page - Nuvoton Technology Corporation NUC100-YC3C Datasheet HTML 46Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 42 -
Revision V2.03
ator and Capture Timer (PWM)
5.7.
m Density has 2 sets of PWM group supports total 4 sets of
independent PWM outputs, PWM0~PWM7, or as
4, PWM5) and (PWM6,
tors. NuMicro
™ NUC100/NUC120 Low Density
only sup
(PWM
, PWM3) with 2 programmable dead-zone generators.
1/2, 1/4, 1/8, 1/16), two PWM Timers including two clock selectors, two 16-bit PWM down-
zon
whi
correspondin PWM period down cou t
aches zero.
int
gured as one-shot mode to produce only one PWM
rm continuously.
lementary PWM paired function; the
PWM0 timer and Dead-zone
WM pairs of (PWM2, PWM3), (PWM4, PWM5) and
To prevent PWM driving output pin with unsteady waveform, the 16-bit period down counter and
16-bit comparator are implemented with double buffer. When user writes data to
counter/comparator buffer registers the updated value will be load into the 16-bit down counter/
comparator at the time down counter reaching zero. The double buffering feature avoids glitch at
PWM outputs.
When the 16-bit period down counter reaches zero, the interrupt request is generated. If PWM-
timer is set as auto-reload mode, when the down counter reaches zero, it is reloaded with PWM
Counter Register (CNRx) automatically then start decreasing, repeatedly. If the PWM-timer is set
as one-shot mode, the down counter will stop and generate one interrupt request when it reaches
zero.
The value of PWM counter comparator is used for pulse high width modulation. The counter
control logic changes the output to high level when down-counter value matches the value of
compare register.
The alternate feature of the PWM-timer is digital input Capture function. If Capture function is
enabled the PWM output pin is switched as capture input mode. The Capture0 and PWM0 share
one timer which is included in PWM0 and the Capture1 and PWM1 share PWM1 timer, and etc.
Therefore user must setup the PWM-timer before enable Capture feature. After capture feature is
enabled, the capture always latched PWM-counter to Capture Rising Latch Register (CRLR)
when input channel has a rising transition and latched PWM-counter to Capture Falling Latch
Register (CFLR) when input channel has a falling transition. Capture channel 0 interrupt is
programmable
by
setting
CCR0.CRL_IE0[1]
(Rising
latch
Interrupt
enable)
and
CCR0.CFL_IE0[2]] (Falling latch Interrupt enable) to decide the condition of interrupt occur.
Capture channel 1 has the same feature by setting CCR0.CRL_IE1[17] and CCR0.CFL_IE1[18].
And capture channel 2 to channel 3 on each group have the same feature by setting the
corresponding control bits in CCR2. For each group, whenever Capture issues Interrupt 0/1/2/3,
5.7
PWM Gener
1
Overview
NuMicro
™ NUC100/NUC120 Mediu
PWM Generators which can be configured as 8
4 complementary PWM pairs, (PWM0, PWM1), (PWM2, PWM3), (PWM
PWM7) with 4 programmable dead-zone genera
port 1 set of PWM group supports total 2 sets of PWM Generators which can be
configured as 4 independent PWM outputs, PWM0~PWM3, or as 2 complementary PWM pairs,
0, PWM1) and (PWM2
Each PWM Generator has one 8-bit prescaler, one clock divider with 5 divided frequencies (1,
counters for PWM period control, two 16-bit comparators for PWM duty control and one dead-
e generator. The 4 sets of PWM Generators provide eight independent PWM interrupt flags
ch are set by hardware when the
g
n er re
Each PWM interrupt source with its corresponding enable bit can cause CPU to request PWM
errupt. The PWM generators can be confi
cycle signal or auto-reload mode to output PWM wavefo
When PCR.DZEN01 is set, PWM0 and PWM1 perform comp
paired PWM period, duty and dead-time are determined by
generator 0. Similarly, the complementary P
(PWM6, PWM7) are controlled by PWM2, PWM4 and PWM6 timers and Dead-zone generator 2,
4 and 6, respectively.


Numéro de pièce similaire - NUC100-YC3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-YC3C NUVOTON-NUC100-YC3C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100-YC3C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com