Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-RD1C Fiches technique(PDF) 14 Page - Nuvoton Technology Corporation

No de pièce NUC120-RD1C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-RD1C Fiches technique(HTML) 14 Page - Nuvoton Technology Corporation

Back Button NUC120-RD1C Datasheet HTML 10Page - Nuvoton Technology Corporation NUC120-RD1C Datasheet HTML 11Page - Nuvoton Technology Corporation NUC120-RD1C Datasheet HTML 12Page - Nuvoton Technology Corporation NUC120-RD1C Datasheet HTML 13Page - Nuvoton Technology Corporation NUC120-RD1C Datasheet HTML 14Page - Nuvoton Technology Corporation NUC120-RD1C Datasheet HTML 15Page - Nuvoton Technology Corporation NUC120-RD1C Datasheet HTML 16Page - Nuvoton Technology Corporation NUC120-RD1C Datasheet HTML 17Page - Nuvoton Technology Corporation NUC120-RD1C Datasheet HTML 18Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 14 of 107
Rev 1.01
Supports event counting function
Supports input capture function
Watchdog Timer
Multiple clock sources
8 selectable time-out period from 1.6 ms ~ 26.0 sec (depending on clock source)
Wake-up from Power-down or Idle mode
Interrupt or reset selectable on watchdog time-out
Window Watchdog Timer
6-bit down counter with 11-bit prescale for wide range window selected
RTC
Supports software compensation by setting frequency compensate register (FCR)
Supports RTC counter (second, minute, hour) and calendar counter (day, month, year)
Supports Alarm registers (second, minute, hour, day, month, year)
Selectable 12-hour or 24-hour mode
Automatic leap year recognition
Supports periodic time tick interrupt with 8 period options 1/128, 1/64, 1/32, 1/16, 1/8,
1/4, 1/2 and 1 second
Supports wake-up function
PWM/Capture
Up to four built-in 16-bit PWM generators providing eight PWM outputs or four
complementary paired PWM outputs
Each PWM generator equipped with one clock source selector, one clock divider, one
8-bit prescaler and one Dead-Zone generator for complementary paired PWM
Up to eight 16-bit digital capture timers (shared with PWM timers) providing eight
rising/falling capture inputs
Supports Capture interrupt
UART
Up to three UART controllers
UART ports with flow control (TXD, RXD, CTS and RTS)
UART0 with 64-byte FIFO is for high speed
UART1/2(optional) with 16-byte FIFO for standard device
Supports IrDA (SIR) and LIN function
Supports RS-485 9-bit mode and direction control
Programmable baud-rate generator up to 1/16 system clock
Supports PDMA mode
SPI
Up to four sets of SPI controllers
The maximum SPI clock rate of Master can up to 36 MHz (chip working at 5V)
The maximum SPI clock rate of Slave can up to 18 MHz (chip working at 5V)
Supports SPI Master/Slave mode
Full duplex synchronous serial data transfer
Variable length of transfer data from 8 to 32 bits
MSB or LSB first data transfer
Rx and Tx on both rising or falling edge of serial clock independently
Two slave/device select lines in Master mode, and one slave/device select line in
Slave mode
Supports Byte Suspend mode in 32-bit transmission
Supports PDMA mode
Supports three wire, no slave select signal, bi-direction interface
I
2C


Numéro de pièce similaire - NUC120-RD1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-RD1C NUVOTON-NUC120-RD1C Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC120-RD1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com