Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-LB3C Fiches technique(PDF) 50 Page - Nuvoton Technology Corporation

No de pièce NUC140-LB3C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-LB3C Fiches technique(HTML) 50 Page - Nuvoton Technology Corporation

Back Button NUC140-LB3C Datasheet HTML 46Page - Nuvoton Technology Corporation NUC140-LB3C Datasheet HTML 47Page - Nuvoton Technology Corporation NUC140-LB3C Datasheet HTML 48Page - Nuvoton Technology Corporation NUC140-LB3C Datasheet HTML 49Page - Nuvoton Technology Corporation NUC140-LB3C Datasheet HTML 50Page - Nuvoton Technology Corporation NUC140-LB3C Datasheet HTML 51Page - Nuvoton Technology Corporation NUC140-LB3C Datasheet HTML 52Page - Nuvoton Technology Corporation NUC140-LB3C Datasheet HTML 53Page - Nuvoton Technology Corporation NUC140-LB3C Datasheet HTML 54Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 50 -
Revision V2.03
System clock = Internal 22.1184 MHz high speed oscillator
Mode0
Mode1
Mode2
Baud rate
Parameter
Register
Parameter
Register
Parameter
Register
921600
x
x
A=0,B=11
0x2B00_0000
A=22
0x3000_0016
460800
A=1
0x0000_0001
A=2,B=11
0x2B00
A=1,B=15
0x2F00_0001
_0002
A=46
0x3000_002E
230400
A=4
0x0000_0004
A=
A=
4,B=15
6,B=11
0x2F00_0004
0x2B00_0006
A=94
0x3000_005E
115200
A=10
0x0000_000A
A=10,B=15
A=14,B=11
0x2F00_000A
0x2B00_000E
A=190
0x3000_00BE
57600
A=22
0x0000_0016
A=22,B=15
0x2F00_0016
A=382
0x30
A=30,B=11
0x2B00_001E
00_017E
38400
A=34
0x0000_0022
A=62,B=8
A=46,B=11
A=34,B=15
0x2800_003E
0x2B00_002E
0x2F00_0022
A=574
0x3000_023E
19200
A=70
0x0000_0046
A=126,B=8
A=94,B=11
A=70,B=15
0x2800_007E
0x2B00_005E
0x2F00_0046
A=1150
0x3000_047E
9600
A=142
0x0000_008E
A=254,B=8
A=190,B=11
A=142,B=15
0x2800_00FE
0x2B00_00BE
0x2F00_008E
A=2302
0x3000_08FE
4800
A=286
0x0000_011E
A=510,B=8
A=382,B=11
A=286,B=15
0x2800_01FE
0x2B00_017E
0x2F00_011E
A=4606
0x3000_11FE
Table 5-7 UART Baud Rate Setting Table
The UART0 and UART1 controllers support auto-flow control function that uses two low-level
signals, /CTS (clear-to-send) and /RTS (request-to-send), to control the flow of data transfer
between the UART and external devices (ex: Modem). When auto-flow is enabled, the UART is
not allowed to receive data until the UART asserts /RTS to external device. When the number of
bytes in the RX FIFO equals the value of RTS_TRI_LEV (UA_FCR [19:16]), the /RTS is de-
asserted. The UART sends data out when UART controller detects /CTS is asserted from external
evice. If a valid asserted /CTS is not detected the UART controller will not send data out.
RT controllers also provides Serial IrDA (SIR, Serial Infrared) function (User must set
Ir
(
E
ble
ct
n defines a short-range
infrared asynchronous serial transmission mode with one start bit, 8 data bits, and 1 stop bit. The
maximum data rate is 115.2 Kbps (half duplex).
he
an IrDA SIR
Protocol encoder/decoder. The IrDA SIR protocol
ha
d
receive data at the same time. The IrDA SIR phys
l
er
delay between
n and rece
del
fe
software.
For NuMicro
™ NUC100/NUC120 Low Density, another alternate function of UART controllers is
RS-485 9-bit mode functio
TS pin or can program GPIO
(PB.2 for RTS0 and PB.6 for RTS1) to implement the function by software. The RS-485 mode is
selected by setting the UA_FUN_SEL register to select RS-485 function. The RS-485 driver
control is implemented using the RTS control signal from an asynchronous serial port to enable
the RS-485 driver. In RS-485 mode, many characteristics of the RX and TX are same as UART.
d
The UA
DA_EN UA_FUN_S L [1]) to ena
IrDA fun ion). The SIR specificatio
T
IrDA SIR block contains
is
ica
lf-duplex only. So it cannot transmit an
layer specifies a minimum 10ms transf
transmissio
ption. This
ay ature must be implemented by
n, and direction control provided by R


Numéro de pièce similaire - NUC140-LB3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-LB3C NUVOTON-NUC140-LB3C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC140-LB3C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com