Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-RA3C Fiches technique(PDF) 81 Page - Nuvoton Technology Corporation

No de pièce NUC140-RA3C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-RA3C Fiches technique(HTML) 81 Page - Nuvoton Technology Corporation

Back Button NUC140-RA3C Datasheet HTML 77Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 78Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 79Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 80Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 81Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 82Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 83Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 84Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 85Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 81 -
Revision V2.03
7.4.8.1
US
l Characteristi
7.4.8
Specification of USB PHY
B DC Electrica
cs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH
Input high (driven)
2.0
V
VIL
Input
0.8
low
V
VDI
t sensitivity
|PADP-PADM|
0.2
Differential inpu
V
VCM
Differential
common-mode range
es VDI range
0
2.5
Includ
.8
V
VSE
Single-ended receiver threshold
0.8
2.0
V
Receiver hysteresis
200
mV
VOL
Output low (driven)
0
0.3
V
VOH
Output high (driven)
2.8
3.6
V
VCRS
Ou
voltage
tput signal cross
1.3
2.0
V
RPU
Pull
1
1.575
-up resistor
.425
kΩ
VTRM
Termina
Voltage
for
upst
l up (RPU)
3.0
3.6
tion
ream port pul
V
ZDRV
D
ce
Steady state drive*
river output resistan
10
CIN
Tra
tance
Pin to GND
nsceiver capaci
20
pF
*Driver o
eries resistor res tance.
7.4.8.2
USB Full-Speed Driver Electrical Chara
utput resistance doesn’t include s
is
cteristics
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
TFR
Rise Time
4
20
ns
CL=50p
TFF
20
Fall Time
CL=50p
4
ns
TFRFF
Rise and fall time matching
90
111.11
%
TFRFF=TFR/TFF
7.4.8.3
USB Power Dissipation
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Standb
uA
y
50
Input mode
uA
IVDDREG
(Full
Speed)
VD
REG Supply
Current (Stea
Output mode
uA
DD and VDD
dy State)


Numéro de pièce similaire - NUC140-RA3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-RA3C NUVOTON-NUC140-RA3C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC140-RA3C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com