Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-RA3C Fiches technique(PDF) 58 Page - Nuvoton Technology Corporation

No de pièce NUC120-RA3C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-RA3C Fiches technique(HTML) 58 Page - Nuvoton Technology Corporation

Back Button NUC120-RA3C Datasheet HTML 54Page - Nuvoton Technology Corporation NUC120-RA3C Datasheet HTML 55Page - Nuvoton Technology Corporation NUC120-RA3C Datasheet HTML 56Page - Nuvoton Technology Corporation NUC120-RA3C Datasheet HTML 57Page - Nuvoton Technology Corporation NUC120-RA3C Datasheet HTML 58Page - Nuvoton Technology Corporation NUC120-RA3C Datasheet HTML 59Page - Nuvoton Technology Corporation NUC120-RA3C Datasheet HTML 60Page - Nuvoton Technology Corporation NUC120-RA3C Datasheet HTML 61Page - Nuvoton Technology Corporation NUC120-RA3C Datasheet HTML 62Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 58 -
Revision V2.03
ER (FMC)
t can be updated through ISP procedure. In System Programming
data before chip power off. For 128K bytes APROM device, the
ared with original 128K program memory and its start address is configurable and
4K/32K bytes APROM device, the data flash
6.2
address read access
emory (APROM) (NuMicro
™ NUC100/NUC120 Low
date on chip Flash
6
FLASH MEMORY CONTROLL
6.1
Overview
NuMicro
™ NUC100 Series equips with 128/64/32K bytes on chip embedded Flash for application
program memory (APROM) tha
(ISP) function enables user to update program memory when chip is soldered on PCB. After chip
power on, Cortex-M0 CPU fetches code from APROM or LDROM decided by boot select (CBS) in
Config0. By the way, NuMicro
™ NUC100 Series also provides additional DATA Flash for user, to
store some application dependent
data flash is sh
defined by user application request in Config1. For 6
is fixed at 4K.
Features
Run up to 50 MHz with zero wait state for continuous
128/64/32KB application program m
Density only support up to 64KB size)
4KB in system programming (ISP) loader program memory (LDROM)
Configurable or fixed 4KB data flash with 512 bytes page erase unit
Programmable data flash start address for 128K APROM device
In System Program (ISP) to up


Numéro de pièce similaire - NUC120-RA3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-RA3C NUVOTON-NUC120-RA3C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-RA3C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com