Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S-8 Datasheet(Fiches technique) 1 Page - Eaton All Rights Reserved.

Numéro de pièce S-8
Description  Rejection base plug fuses dual-element, time-delay 125 volt, up to 30 amps
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo 

   
 1 page
background image
Rejection base plug fuses – dual-element,
time-delay 125 volt, up to 30 amps
Catalog symbol:
S - (amps)
BP/S - (amps)
Description:
Bussmann® series dual-element, time-delay
rejection base plug fuse.
Specifications:
Ratings
Volts — 125 Vac or less
Amps — 1/4 to 30 A
Interrupting rating — 10 kA RMS Sym
Agency Information
UL® Listed (up to 6-1/4 A), Std. 248-11, Guide
JFHR, File E56412, (7 to 30 A) Guide JEFV,
File E12112
CSA® Certified, Class 1423-01, File 53787
CE
Catalog numbers (amps)
S - 1/4
S - 2
S - 6-1/4
S - 3/10
S - 2-1/4
S - 7
S - 4/10
S - 2-1/2
S - 8
S - 1/2
S - 2-8/10
S - 9
S - 6/10
S - 3
S - 10
S - 8/10
S - 3-2/10
S - 12
S - 1
S - 3-1/2
S - 14
S - 1-1/8
S - 4
S - 15
S - 1-1/4
S - 4-1/2
S - 20
S - 1-4/10
S - 5
S - 25
S - 1-6/10
S - 5-6/10
S - 30
S - 1-8/10
S - 6
Package quantity and weight
Amp
ratings
Quantity
Weight
Per
box
Per
card
Per
box
Per 5
cards
1/4 to 14 A
4
1
0.24
0.43
15 to 30 A
4
2
0.24
0.68
Edison base adaptors
Adaptor
Accepts
fuses
Adaptor
Accepts
fuses
SA-1
S-1 or smaller
SA-5
S-5 to S-3-1/2
SA-1-1/4
S-1-1/4 or smaller
SA-6-1/4
S-6-1/4 to S-3-1/2
SA-1-6/10
S-1-6/10 or smaller
SA-8
S-8 to S-7
SA-2
S-2 or S-1-8/10
SA-10
S-10 to S-7
SA-2-1/2
S-2-1/2 to S-1-8/10
SA-15
S-15 to S-7
SA-3-2/10
S-3-2/10 to S-1-8/10
SA-20
S-20
SA-4
S-4 to S-3-1/2
SA-30
S-30 to S-20
Technical Data 1032
Effective May 2016
Supersedes August 2002
BUSSMANN
SERIES




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl