Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCF20 Fiches technique(PDF) 6 Page - Eaton All Rights Reserved.

No de pièce TCF20
Description  UL Class CF branch circuit time-delay CUBEFuse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCF20 Fiches technique(HTML) 6 Page - Eaton All Rights Reserved.

  TCF20 Datasheet HTML 1Page - Eaton All Rights Reserved. TCF20 Datasheet HTML 2Page - Eaton All Rights Reserved. TCF20 Datasheet HTML 3Page - Eaton All Rights Reserved. TCF20 Datasheet HTML 4Page - Eaton All Rights Reserved. TCF20 Datasheet HTML 5Page - Eaton All Rights Reserved. TCF20 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UL Class CF branch circuit time-delay CUBEFuse
Technical Data 9000
Effective March 2019
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document
are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help
the end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue
or limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this
bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Eaton, Bussmann, CUBEFuse, Low-Peak,
easyID and Quik-Spec are valuable trademarks
of Eaton in the US and other countries. You
are not permitted to use the Eaton trademarks
without prior written consent of Eaton.
CSA is a registered trademark of the Canadian
Standards Group
NEC is a registered trademark of the National
Fire Protection Association
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2019 Eaton
All Rights Reserved
Printed in USA
Publication No. 9000 – BU-SB18086
March 2019
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
CUBEFuse (cat. no. TCFH_N) holders
The CUBEFuse is used in holders that can be dovetail together for
the smallest footprint possible of any Class J fuse solution (see data
sheet no. 9007 for details).
Finger-safe DIN-Rail or panel
mount holders up to 100 A.
30 A holder accepts any
CUBEFuse up to 30 A.
60 amp holder accepts any
CUBEFuse up to 60 A.
100 amp holder accepts any
CUBEFuse up to 100 A.
Panel mount holders from
200 to 400 A.
200 A holder accepts any
CUBEFuse from 110 to 200 A
225 A* holder accepts any
CUBEFuse from 110 to 225 A
400 A holder accepts any
CUBEFuse from 110 to 400 A
Finger-safe installation
achievable for three ganged
holders and lug kits with shroud
* 200 A and 225 A holders share the
same overall dimensions, but the
200 A holder will reject a 225 A fuse.
These 1-, 2- and 3-pole switches
are UL 98 horsepower rated
branch circuit disconnects.
Primarily used in the Quik-Spec
Coordination Panelboard, they’re
available in ratings up to 100 A.
The CCP2B has amp rejection
breaks that prevent installing
any CUBEFuse amp rating
greater than that of the switch.
These coincide with standard
conductor ampacities to help
prevent overfusing and are
available at 15, 20, 30, 40, 50,
60, 70, 90 and 100 amps for all
1-, 2- and 3-pole switches.
These DIN-Rail mounted 1-, 2-
and 3-pole switches are UL 98
horsepower rated disconnects
available with front or side
rotary operators. Each CCP2
will accept a fuse amp rating
equal to or less than its rating
(e.g., a 60 A CCP will accept
any CUBEFuse up to 60 A).
Accessories include multi-wire
lug kits with shrouds, auxiliary
contacts and PLC fuse monitor
(see data sheet no. 10801 for
details).
30, 60 and 100 A Compact Circuit Protector (cat. no.CCP2_CF)
switches
200 and 400 A Compact Circuit Protector (cat. no. CCP2-CF)
switches
These panel mounted 1-, 2-
and 3-pole switches are UL 98
horsepower rated disconnects.
Each CCP2 will accept a fuse
amp rating equal to or less than
its rating (e.g., a 200 A CCP will
accept any CUBEFuse from 110
to 200 A). Complete installation
requires installing various
lugs to meet the application
requirement. Accessories
include side or front rotary
operators and auxiliary contacts
(see data sheet no. 10801 for
details).
Compact Circuit Protector Base (cat. no. CCP2B)


Numéro de pièce similaire - TCF20

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
TCF20 COOPER-TCF20 Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
logo
Nihon Inter Electronics...
TCF20B60 NIEC-TCF20B60 Datasheet
191Kb / 1P
   FRED
TCF20B60 NIEC-TCF20B60 Datasheet
191Kb / 1P
   FRED
TCF20B60-11A NIEC-TCF20B60-11A Datasheet
195Kb / 1P
   FRED
TCF20B60-11A NIEC-TCF20B60-11A Datasheet
195Kb / 1P
   FRED
More results

Description similaire - TCF20

FabricantNo de pièceFiches techniqueDescription
logo
Eaton All Rights Reserv...
TCFH-N EATON-TCFH-N Datasheet
1Mb / 6P
   UL Class CF CUBEFuse holders
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
   Fast-acting UL Class CF CUBEFuse
logo
Cooper Bussmann, Inc.
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
   Class RK5, Dual-element, Time Delay
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
Mitsumi Electronics, Co...
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
   System Reset with Delay Time Circuit
logo
Seiko Instruments Inc
S1003 SII-S1003 Datasheet
681Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
logo
SG Micro Corp
SGM836 SGMICRO-SGM836 Datasheet
898Kb / 16P
   Microprocessor Supervisory Circuit with Programmable Delay Time
APRIL2023-REV.A.3
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting Free Delay Time Setting
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com