Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCFH30N Fiches technique(PDF) 5 Page - Eaton All Rights Reserved.

No de pièce TCFH30N
Description  UL Class CF CUBEFuse holders
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCFH30N Fiches technique(HTML) 5 Page - Eaton All Rights Reserved.

  TCFH30N Datasheet HTML 1Page - Eaton All Rights Reserved. TCFH30N Datasheet HTML 2Page - Eaton All Rights Reserved. TCFH30N Datasheet HTML 3Page - Eaton All Rights Reserved. TCFH30N Datasheet HTML 4Page - Eaton All Rights Reserved. TCFH30N Datasheet HTML 5Page - Eaton All Rights Reserved. TCFH30N Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data 9007
Effective March 2019
UL Class CF CUBEFuse holders
Eaton.com/bussmannseries
Ordering a complete 200/225 A holder installation
For a complete installation, select from the following required and optional components, and accessories.
Catalog no.
Holders
Amps
Poles
TCFH200N
200
1
Order required quantity for installation
TCFH225N
225
And
Lug kits
Description
CCP2-L2-1
Stainless steel lug, 75° Cu only, 350 kcmil-4, 1 per pack
CCP2-L2-1A
Aluminum lug, 75°C Cu/Al, 350 kcmil-4, 1 per pack
CCP2-MW2-3
3-port multi-wire lug, 75°C Cu/Al, 2-14, 3 per pack, includes terminal shroud
CCP2-MW2-6
6-port multi-wire lug, 75°C Cu/Al, 6-14, 3 per pack, includes terminal shroud
And
Terminal shrouds
Description
CCP2-TS2-3
3-pole terminal shroud with phase shields, 1 per pack
Phase barriers
Description
CCP2-PB2
Phase barriers, 2 per pack
And
Control terminals
Description
CCP2-CWK2
1/4” quick-connect control wire terminals - mounts on installed lug (cannot be used
with lug CCP2-L2-1), 12 per pack


Numéro de pièce similaire - TCFH30N

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
TCFH30N COOPER-TCFH30N Datasheet
217Kb / 2P
   Fuse Holders for Low-Peak CUBEFuse
More results

Description similaire - TCFH30N

FabricantNo de pièceFiches techniqueDescription
logo
Eaton All Rights Reserv...
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
   Fast-acting UL Class CF CUBEFuse
TCF EATON-TCF Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
logo
Cooper Bussmann, Inc.
TCFH30N COOPER-TCFH30N Datasheet
217Kb / 2P
   Fuse Holders for Low-Peak CUBEFuse
HEZ-AA COOPER-HEZ-AA Datasheet
600Kb / 4P
   HEZ breakaway and non-breakaway in-line rejection fuse holders for UL Class CC fuses
logo
Eaton All Rights Reserv...
CF36 EATON-CF36 Datasheet
545Kb / 6P
   CUBEFuse safety switch
logo
Cooper Bussmann, Inc.
CF361FGKW COOPER-CF361FGKW Datasheet
545Kb / 6P
   CUBEFuse safety switch
FCF1RN COOPER-FCF1RN Datasheet
201Kb / 2P
   Fast-Acting CUBEFuse
logo
List of Unclassifed Man...
CF361FGKW ETC1-CF361FGKW Datasheet
545Kb / 6P
   CUBEFuse safety switch
logo
Littelfuse
LFPSJ LITTELFUSE-LFPSJ_V01 Datasheet
235Kb / 1P
   LFPSJ POWR-SAFE DEAD FRONT CLASS J FUSE HOLDERS
Rev: 100719
logo
CIT Relay & Switch
J123F CIT-J123F Datasheet
130Kb / 2P
   UL F class rated standard
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com