Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPCH4512A-NnnV-QL01x Fiches technique(PDF) 18 Page - Generalplus Technology Inc.

No de pièce GPCH4512A-NnnV-QL01x
Description  4-channel Sound Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCH4512A-NnnV-QL01x Fiches technique(HTML) 18 Page - Generalplus Technology Inc.

Back Button GPCH4512A-NnnV-QL01x Datasheet HTML 12Page - Generalplus Technology Inc. GPCH4512A-NnnV-QL01x Datasheet HTML 13Page - Generalplus Technology Inc. GPCH4512A-NnnV-QL01x Datasheet HTML 14Page - Generalplus Technology Inc. GPCH4512A-NnnV-QL01x Datasheet HTML 15Page - Generalplus Technology Inc. GPCH4512A-NnnV-QL01x Datasheet HTML 16Page - Generalplus Technology Inc. GPCH4512A-NnnV-QL01x Datasheet HTML 17Page - Generalplus Technology Inc. GPCH4512A-NnnV-QL01x Datasheet HTML 18Page - Generalplus Technology Inc. GPCH4512A-NnnV-QL01x Datasheet HTML 19Page - Generalplus Technology Inc. GPCH4512A-NnnV-QL01x Datasheet HTML 20Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
GPCH4512A
© Generalplus Technology Inc.
Proprietary & Confidential
18
Dec. 01, 2008
Version: 1.2
Dimension in Millimeter
Symbol
Min.
Typ.
Max.
D1
14.00 BSC.
E
16.00 BSC.
E1
14.00 BSC.
e
0.40 BSC.
L
0.45
0.60
0.75
L1
1.00 REF
θ
0∘
3.5∘
7∘
9.2.2. LQFP 44-QL01
Dimension in Millimeter
Symbol
Min.
Nom.
Max.
A
-
-
1.60
A1
0.05
-
0.15
A2
1.35
1.40
1.45
c1
0.09
-
0.16
D
12.00 BSC
D1
10.00 BSC
E
12.00 BSC
E1
10.00 BSC
e
0.80 BSC
b
0.30
0.37
0.45
L
0.45
0.60
0.75
L1
1.00 REF
θ°
3.5°


Numéro de pièce similaire - GPCH4512A-NnnV-QL01x

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCH4256B GENERALPLUS-GPCH4256B Datasheet
604Kb / 20P
   4-channel Sound Controller
GPCH4256B-NnnV-C GENERALPLUS-GPCH4256B-NnnV-C Datasheet
604Kb / 20P
   4-channel Sound Controller
GPCH4256B-NnnV-QL01x GENERALPLUS-GPCH4256B-NnnV-QL01x Datasheet
604Kb / 20P
   4-channel Sound Controller
GPCH4256B-NnnV-QL09x GENERALPLUS-GPCH4256B-NnnV-QL09x Datasheet
604Kb / 20P
   4-channel Sound Controller
GPCH4384A GENERALPLUS-GPCH4384A Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
More results

Description similaire - GPCH4512A-NnnV-QL01x

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCH4256B GENERALPLUS-GPCH4256B Datasheet
604Kb / 20P
   4-channel Sound Controller
GPCD9001A GENERALPLUS-GPCD9001A Datasheet
697Kb / 21P
   8-Channel Sound Controller
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPCH8501A GENERALPLUS-GPCH8501A Datasheet
701Kb / 20P
   8-Channel Sound Controller
GPCH8512A GENERALPLUS-GPCH8512A Datasheet
665Kb / 20P
   8-Channel Sound Controller
GPCH8A24A GENERALPLUS-GPCH8A24A Datasheet
562Kb / 19P
   8-Channel Sound Controller
GPCH8256B GENERALPLUS-GPCH8256B Datasheet
592Kb / 20P
   8-Channel Sound Controller
GPCH4384A GENERALPLUS-GPCH4384A Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
GPCH4768A GENERALPLUS-GPCH4768A Datasheet
640Kb / 19P
   4-channel Sound Controller with 768K Bytes ROM
GPCD9341A GENERALPLUS-GPCD9341A Datasheet
745Kb / 21P
   Multi--Channel Sound Controller (OTP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com