Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPCE2048A-NnnV-C Fiches technique(PDF) 24 Page - Generalplus Technology Inc.

No de pièce GPCE2048A-NnnV-C
Description  16-bit Sound Controller with 24K X 16 ROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2048A-NnnV-C Fiches technique(HTML) 24 Page - Generalplus Technology Inc.

Back Button GPCE2048A-NnnV-C Datasheet HTML 16Page - Generalplus Technology Inc. GPCE2048A-NnnV-C Datasheet HTML 17Page - Generalplus Technology Inc. GPCE2048A-NnnV-C Datasheet HTML 18Page - Generalplus Technology Inc. GPCE2048A-NnnV-C Datasheet HTML 19Page - Generalplus Technology Inc. GPCE2048A-NnnV-C Datasheet HTML 20Page - Generalplus Technology Inc. GPCE2048A-NnnV-C Datasheet HTML 21Page - Generalplus Technology Inc. GPCE2048A-NnnV-C Datasheet HTML 22Page - Generalplus Technology Inc. GPCE2048A-NnnV-C Datasheet HTML 23Page - Generalplus Technology Inc. GPCE2048A-NnnV-C Datasheet HTML 24Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
GPCE2048A
© Generalplus Technology Inc.
Proprietary & Confidential
24
Jun 02, 2016
Version: 1.2
11 REVISION HISTORY
Date
Revision #
Description
Page
Jun 02, 2016
1.2
Modify pin descriptions of chapter 5.
6
Jan 21, 2013
1.1
Correct the number of IOB and DAC channel.
24
Oct 30, 2012
1.0
Original
24


Numéro de pièce similaire - GPCE2048A-NnnV-C

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCE2048B GENERALPLUS-GPCE2048B Datasheet
782Kb / 24P
   16-bit Sound Controller
More results

Description similaire - GPCE2048A-NnnV-C

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCE040A GENERALPLUS-GPCE040A Datasheet
313Kb / 26P
   16-bit Sound Controller with 24K x 16 ROM
GPCE048A GENERALPLUS-GPCE048A Datasheet
3Mb / 25P
   16-bit Sound Controller With 24K X 16 RO M
GPCE2064A GENERALPLUS-GPCE2064A Datasheet
873Kb / 24P
   16-bit Sound Controller with 32K X 16 ROM
GPCE060A GENERALPLUS-GPCE060A Datasheet
249Kb / 26P
   16-Bit Sound Controller with 32K x 16 ROM
GPCE2064C GENERALPLUS-GPCE2064C Datasheet
865Kb / 24P
   16-bit Sound Controller With 32 K x 16 ROM
GPCE384A GENERALPLUS-GPCE384A Datasheet
2Mb / 21P
   SOUND CONTROLLER WITH 192 K x 16 MASK ROM
GPCE128A GENERALPLUS-GPCE128A Datasheet
2Mb / 21P
   Sound Controller with 64 K x 16 MASK ROM
GPCE256A GENERALPLUS-GPCE256A Datasheet
2Mb / 21P
   Sound Controller with 128 K x 16 MASK ROM
GPCE512A GENERALPLUS-GPCE512A Datasheet
2Mb / 21P
   SOUND CONTROLLER WITH 256 K x 16 MASK ROM
GPCE2P064A GENERALPLUS-GPCE2P064A Datasheet
874Kb / 24P
   16-bit Sound Controller with 32K X 16 OPT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com