Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC11160A Fiches technique(PDF) 7 Page - Generalplus Technology Inc.

No de pièce GPC11160A
Description  Sound Controller with 160KB ROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC11160A Fiches technique(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPC11160A Datasheet HTML 3Page - Generalplus Technology Inc. GPC11160A Datasheet HTML 4Page - Generalplus Technology Inc. GPC11160A Datasheet HTML 5Page - Generalplus Technology Inc. GPC11160A Datasheet HTML 6Page - Generalplus Technology Inc. GPC11160A Datasheet HTML 7Page - Generalplus Technology Inc. GPC11160A Datasheet HTML 8Page - Generalplus Technology Inc. GPC11160A Datasheet HTML 9Page - Generalplus Technology Inc. GPC11160A Datasheet HTML 10Page - Generalplus Technology Inc. GPC11160A Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
GPC11160A
© Generalplus Technology Inc.
Proprietary & Confidential
7
May 19, 2008
Version: 1.4
T1
Tw
Wake-up
CPU CLK
SLEEP
RESET
FIG. 1
T1 = 1 / ( FCPU ), Tw ≧ 64 x T1
6.7. Low Voltage Reset
The GPC11160A has a Low Voltage Reset (LVR) function. In
general, the CPU becomes unstable and malfunctions when the
power voltage drops below certain operating voltage. With the
unique design of Low Voltage Reset in GPC11160A, it is able to
reset all functions to the initial operational (stable) state if the VDD
power-supply voltage drops below 1.6V.
T2
Tw
T2≧2 * T1
T1
VDD
CPU CLK
RESET
1.6V
(The LVR function is the same as Power ON Reset or External Reset.)
6.8. Timer/Counter
The GPC11160A has two 8-bit timer/counters, TMA and TMB
respectively. TMA can be specified as a timer, but TMB can be
used as a timer or a counter. In the timer mode, TMA and TMB
are re-loaded up-counters. When timer rollovers from $FF to $00,
the carry (overflow) signal will make the user’s preset value to be
loaded into timer automatically and up-count again. At the same
time, the carry signal will generate an INT signal if the
corresponding bit is enabled in the INT ENABLE Register.
Suppose TMB is specified as a counter, users can reset it by
loading #0 into the counter. After the counter has been activated,
the value in the counter can also be read at the same time. The
read instruction will not affect the value of the counter nor reset it.
Clock source of Timer/Counter can be selected as follows:
Timer/Counter
Clock Source
TMA
8-BIT TIMER
CPU CLOCK (T) or T/8, T/64, TMB overflow
TMB
8-BIT TIMER
T, T/65536, EXTCLK, 0, 1
6.9. Speech and Melody
In speech synthesis, the GPC11160A can use NMI for accurate
sampling frequency. The user can store the speech data in ROM
and play it back with realistic sound quality. Several algorithms
are recommended for high fidelity and compression of sound:
PCM, LOG PCM, ADPCM and SACMA3400.


Numéro de pièce similaire - GPC11160A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC11001A GENERALPLUS-GPC11001A Datasheet
279Kb / 16P
   Sound Controller
GPC11001A-NnnV-C GENERALPLUS-GPC11001A-NnnV-C Datasheet
279Kb / 16P
   Sound Controller
GPC11001A-NnnV-HQ07x GENERALPLUS-GPC11001A-NnnV-HQ07x Datasheet
279Kb / 16P
   Sound Controller
GPC11256C GENERALPLUS-GPC11256C Datasheet
364Kb / 15P
   Sound Controller with 256KB ROM
GPC11256C-NnnV-C GENERALPLUS-GPC11256C-NnnV-C Datasheet
364Kb / 15P
   Sound Controller with 256KB ROM
More results

Description similaire - GPC11160A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC11256C GENERALPLUS-GPC11256C Datasheet
364Kb / 15P
   Sound Controller with 256KB ROM
GPC11768A1 GENERALPLUS-GPC11768A1 Datasheet
480Kb / 15P
   Sound Controller with 768KB ROM
GPC11384C GENERALPLUS-GPC11384C Datasheet
410Kb / 15P
   Sound Controller with 384KB ROM
GPC11512C GENERALPLUS-GPC11512C Datasheet
373Kb / 15P
   Sound Controller with 512KB ROM
GPC10048A GENERALPLUS-GPC10048A Datasheet
398Kb / 15P
   Sound Controller with 48KB ROM
GPC11A24B1 GENERALPLUS-GPC11A24B1 Datasheet
466Kb / 15P
   Sound Controller with 1MB ROM
GPC10024D GENERALPLUS-GPC10024D Datasheet
399Kb / 15P
   Sound Controller with 24KB ROM
GPC11A24A1 GENERALPLUS-GPC11A24A1 Datasheet
493Kb / 15P
   Sound Controller with 1MB ROM
GPC11448C GENERALPLUS-GPC11448C Datasheet
410Kb / 15P
   Sound Controller with 448KB ROM
GPC10064A GENERALPLUS-GPC10064A Datasheet
396Kb / 15P
   Sound Controller with 64K-byte ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com