Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC10096A Fiches technique(PDF) 10 Page - Generalplus Technology Inc.

No de pièce GPC10096A
Description  Sound Cont roller with 96KB ROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC10096A Fiches technique(HTML) 10 Page - Generalplus Technology Inc.

Back Button GPC10096A Datasheet HTML 6Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 7Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 8Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 9Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 10Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 11Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 12Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 13Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 14Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
GPC10096A
© Generalplus Technology Inc.
Proprietary & Confidential
10
May 19, 2008
Version: 1.3
8. APPLICATION CIRCUITS
G PC10096A
RESET
AUDP
AUDN
C1
+
10 0
VDDP
DVDD
VSSP
DVSS
F
μ
F
μ
0.1
C6
DVDD
R1
0.1 F
μ
C4
C5
DVSS
VDD2
VSS2
ROSC
PVDD
PVSS
VDDP
C3
0.1 F
μ
VSSP
IOD[7:0]
IOD[7:0]
VDD1
VSS1
DVDD
C2
0.1 F
μ
DVSS
PCB Layout Guidelines:
1.VDD1, VDD2, PVDD must be connected to power input port directly, not to be the branch of each other.
2.VSS1, VSS2, PVSS must be connected to ground input port directly, not to be the branch of each other.
3.R1 and C5 should be as close as possible to ROSC pin.
4.C2 should be as close as possible to VDD1/VSS1 pin.
5.C3 should be as close as possible to PVDD/PVSS pin.
6.C4 should be as close as possible to VDD2/VSS2 pin.
*C5 may be smaller depends on application.
100pF *


Numéro de pièce similaire - GPC10096A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC10024D GENERALPLUS-GPC10024D Datasheet
399Kb / 15P
   Sound Controller with 24KB ROM
GPC10024D-NnnV-C GENERALPLUS-GPC10024D-NnnV-C Datasheet
399Kb / 15P
   Sound Controller with 24KB ROM
GPC10048A GENERALPLUS-GPC10048A Datasheet
398Kb / 15P
   Sound Controller with 48KB ROM
GPC10048A-NnnV-C GENERALPLUS-GPC10048A-NnnV-C Datasheet
398Kb / 15P
   Sound Controller with 48KB ROM
GPC10064A GENERALPLUS-GPC10064A Datasheet
396Kb / 15P
   Sound Controller with 64K-byte ROM
More results

Description similaire - GPC10096A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC11256C GENERALPLUS-GPC11256C Datasheet
364Kb / 15P
   Sound Controller with 256KB ROM
GPC11768A1 GENERALPLUS-GPC11768A1 Datasheet
480Kb / 15P
   Sound Controller with 768KB ROM
GPC11160A GENERALPLUS-GPC11160A Datasheet
401Kb / 15P
   Sound Controller with 160KB ROM
GPC11384C GENERALPLUS-GPC11384C Datasheet
410Kb / 15P
   Sound Controller with 384KB ROM
GPC11512C GENERALPLUS-GPC11512C Datasheet
373Kb / 15P
   Sound Controller with 512KB ROM
GPC10048A GENERALPLUS-GPC10048A Datasheet
398Kb / 15P
   Sound Controller with 48KB ROM
GPC11A24B1 GENERALPLUS-GPC11A24B1 Datasheet
466Kb / 15P
   Sound Controller with 1MB ROM
GPC10024D GENERALPLUS-GPC10024D Datasheet
399Kb / 15P
   Sound Controller with 24KB ROM
GPC11A24A1 GENERALPLUS-GPC11A24A1 Datasheet
493Kb / 15P
   Sound Controller with 1MB ROM
GPC11448C GENERALPLUS-GPC11448C Datasheet
410Kb / 15P
   Sound Controller with 448KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com