Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC10096A Fiches technique(PDF) 13 Page - Generalplus Technology Inc.

No de pièce GPC10096A
Description  Sound Cont roller with 96KB ROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC10096A Fiches technique(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPC10096A Datasheet HTML 7Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 8Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 9Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 10Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 11Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 12Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 13Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 14Page - Generalplus Technology Inc. GPC10096A Datasheet HTML 15Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
GPC10096A
© Generalplus Technology Inc.
Proprietary & Confidential
13
May 19, 2008
Version: 1.3
10. PACKAGE/PAD LOCATIONS
10.1. Ordering Information
Product Number
Package Type
GPC10096A - NnnV - C
Chip form
Note1:
Code number is assigned for customer.
Note2:
Code number (N = A - Z or 0 - 9, nn = 00 - 99); version (V = A - Z).


Numéro de pièce similaire - GPC10096A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC10024D GENERALPLUS-GPC10024D Datasheet
399Kb / 15P
   Sound Controller with 24KB ROM
GPC10024D-NnnV-C GENERALPLUS-GPC10024D-NnnV-C Datasheet
399Kb / 15P
   Sound Controller with 24KB ROM
GPC10048A GENERALPLUS-GPC10048A Datasheet
398Kb / 15P
   Sound Controller with 48KB ROM
GPC10048A-NnnV-C GENERALPLUS-GPC10048A-NnnV-C Datasheet
398Kb / 15P
   Sound Controller with 48KB ROM
GPC10064A GENERALPLUS-GPC10064A Datasheet
396Kb / 15P
   Sound Controller with 64K-byte ROM
More results

Description similaire - GPC10096A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC11256C GENERALPLUS-GPC11256C Datasheet
364Kb / 15P
   Sound Controller with 256KB ROM
GPC11768A1 GENERALPLUS-GPC11768A1 Datasheet
480Kb / 15P
   Sound Controller with 768KB ROM
GPC11160A GENERALPLUS-GPC11160A Datasheet
401Kb / 15P
   Sound Controller with 160KB ROM
GPC11384C GENERALPLUS-GPC11384C Datasheet
410Kb / 15P
   Sound Controller with 384KB ROM
GPC11512C GENERALPLUS-GPC11512C Datasheet
373Kb / 15P
   Sound Controller with 512KB ROM
GPC10048A GENERALPLUS-GPC10048A Datasheet
398Kb / 15P
   Sound Controller with 48KB ROM
GPC11A24B1 GENERALPLUS-GPC11A24B1 Datasheet
466Kb / 15P
   Sound Controller with 1MB ROM
GPC10024D GENERALPLUS-GPC10024D Datasheet
399Kb / 15P
   Sound Controller with 24KB ROM
GPC11A24A1 GENERALPLUS-GPC11A24A1 Datasheet
493Kb / 15P
   Sound Controller with 1MB ROM
GPC11448C GENERALPLUS-GPC11448C Datasheet
410Kb / 15P
   Sound Controller with 448KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com