Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC74064A-HS031 Fiches technique(PDF) 10 Page - Generalplus Technology Inc.

No de pièce GPC74064A-HS031
Description  4-bit Speech with SPU
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC74064A-HS031 Fiches technique(HTML) 10 Page - Generalplus Technology Inc.

Back Button GPC74064A-HS031 Datasheet HTML 6Page - Generalplus Technology Inc. GPC74064A-HS031 Datasheet HTML 7Page - Generalplus Technology Inc. GPC74064A-HS031 Datasheet HTML 8Page - Generalplus Technology Inc. GPC74064A-HS031 Datasheet HTML 9Page - Generalplus Technology Inc. GPC74064A-HS031 Datasheet HTML 10Page - Generalplus Technology Inc. GPC74064A-HS031 Datasheet HTML 11Page - Generalplus Technology Inc. GPC74064A-HS031 Datasheet HTML 12Page - Generalplus Technology Inc. GPC74064A-HS031 Datasheet HTML 13Page - Generalplus Technology Inc. GPC74064A-HS031 Datasheet HTML 14Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
GPC74XXXA
© Generalplus Technology Inc.
Proprietary & Confidential
10
Jul. 05, 2018
Version: 1.0
8.2 Internal Frequency(Fosc) and VDD
Fosc vs. VDD
7.95
7.96
7.97
7.98
7.99
8.00
8.01
8.02
8.03
8.04
8.05
2.0
3.0
4.0
5.0
6.0
VDD(V)
080A/064A/
048A/032A/
016A
340A/170A
8.3 Internal Frequency(Fosc) and Temperature
Fosc vs. Temp
7.00
7.50
8.00
8.50
9.00
-10
0
10
25
40
50
60
70
80
Temperate(˚C )
080A/064A/
048A/032A/
016A
340A/170A


Numéro de pièce similaire - GPC74064A-HS031

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC71016A GENERALPLUS-GPC71016A Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC71016A-HS011 GENERALPLUS-GPC71016A-HS011 Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC71016A-HS031 GENERALPLUS-GPC71016A-HS031 Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC71032A GENERALPLUS-GPC71032A Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC71032A-HS011 GENERALPLUS-GPC71032A-HS011 Datasheet
1Mb / 19P
   4-bit Speech with SPU
More results

Description similaire - GPC74064A-HS031

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC71XXXA GENERALPLUS-GPC71XXXA Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC71PXXXA GENERALPLUS-GPC71PXXXA Datasheet
901Kb / 19P
   4-bit Speech with SPU
GPLB62P100UA1 GENERALPLUS-GPLB62P100UA1 Datasheet
882Kb / 23P
   8--Bit LCD Controller/Driiver with SPU
GPLB62X GENERALPLUS-GPLB62X Datasheet
844Kb / 21P
   8--bit LCD Controller/Driver with SPU
GPLB62P200UA1 GENERALPLUS-GPLB62P200UA1 Datasheet
952Kb / 23P
   8--Bit LCD Controller//Driver with SPU
logo
List of Unclassifed Man...
N584HP300 ETC2-N584HP300 Datasheet
562Kb / 11P
   4-bit microcontroller-based speech synthesizer
N584HXXX ETC2-N584HXXX Datasheet
590Kb / 11P
   4-bit microcontroller-based speech synthesizer
logo
SONiX Technology Compan...
SN66012 SONIX-SN66012 Datasheet
132Kb / 5P
   4-Channel Speech Controller
SN66021 SONIX-SN66021 Datasheet
130Kb / 5P
   4-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
   4-Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com