Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLF80R240SJ Fiches technique(PDF) 9 Page - Shenzhen Meipusen Semiconductor Co., Ltd

No de pièce SLF80R240SJ
Description  800V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Site Internet  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

SLF80R240SJ Fiches technique(HTML) 9 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  SLF80R240SJ Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF80R240SJ Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF80R240SJ Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF80R240SJ Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF80R240SJ Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF80R240SJ Datasheet HTML 6Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF80R240SJ Datasheet HTML 7Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF80R240SJ Datasheet HTML 8Page - Shenzhen Meipusen Semiconductor Co., Ltd SLF80R240SJ Datasheet HTML 9Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
--
L
I S
Driver
VGS
RG
Same Type
as DUT
VGS
dv/dt controlled by
G
IS controlled by Duty Factor 밆?
VDD
10V
VGS
( Driver )
I S
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
Vf
IFM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
Maple Semiconductor CO.,LTD
http://www.maplesemi.com
Rev 1.0 September 2015
Page9


Numéro de pièce similaire - SLF80R240SJ

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Meipusen Semic...
SLF80R380SJ MAPLESMI-SLF80R380SJ Datasheet
1Mb / 8P
   800V N-Channel MOSFET
SLF80R500SJ MAPLESMI-SLF80R500SJ Datasheet
632Kb / 8P
   800V N-Channel MOSFET
SLF80R600SJ MAPLESMI-SLF80R600SJ Datasheet
586Kb / 7P
   800V N-Channel MOSFET
SLF80R850SJ MAPLESMI-SLF80R850SJ Datasheet
620Kb / 7P
   800V N-Channel MOSFET
More results

Description similaire - SLF80R240SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com