Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC3XXXDx-NnnV-C Fiches technique(PDF) 22 Page - Generalplus Technology Inc.

No de pièce GPC3XXXDx-NnnV-C
Description  3--channell Sound Conttrollller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXDx-NnnV-C Fiches technique(HTML) 22 Page - Generalplus Technology Inc.

Back Button GPC3XXXDx-NnnV-C Datasheet HTML 18Page - Generalplus Technology Inc. GPC3XXXDx-NnnV-C Datasheet HTML 19Page - Generalplus Technology Inc. GPC3XXXDx-NnnV-C Datasheet HTML 20Page - Generalplus Technology Inc. GPC3XXXDx-NnnV-C Datasheet HTML 21Page - Generalplus Technology Inc. GPC3XXXDx-NnnV-C Datasheet HTML 22Page - Generalplus Technology Inc. GPC3XXXDx-NnnV-C Datasheet HTML 23Page - Generalplus Technology Inc. GPC3XXXDx-NnnV-C Datasheet HTML 24Page - Generalplus Technology Inc. GPC3XXXDx-NnnV-C Datasheet HTML 25Page - Generalplus Technology Inc. GPC3XXXDx-NnnV-C Datasheet HTML 26Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
22
Aug. 28, 2017
Version: 2.3
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
GPIO Input High Level
(IOA, IOB, IOC)
VIH
0.7VDD
-
-
V
VDD = 3.0V
0.7VDD
-
-
V
VDD = 4.5V
GPIO Input Low Level
(IOA, IOB, IOC)
VIL
-
-
0.3VDD
V
VDD = 3.0V
-
-
0.3VDD
V
VDD = 4.5V
Output High Current
(IOA, IOB, IOC)
IOH
-
5
-
mA
VDD = 3.0V, VOH = 0.7*VDD
-
10
-
mA
VDD = 4.5V, VOH = 0.7*VDD
Output Low Current
(IOA, IOB[7:4], IOC)
IOL
-
10
-
mA
VDD = 3.0V, VOL = 0.3*VDD
-
20
-
mA
VDD = 4.5V, VOL = 0.3*VDD
Output Low Current
(IOB[3:0])
IOL
-
20
-
mA
VDD = 3.0V, VOL = 0.3*VDD
-
40
-
mA
VDD =4.5V, VOL = 0.3*VDD
Input Pull Low Resistor
(IOA, IOB, IOC)
RL
-
200,
2000
-
Kohm
VDD = 3.0V, IO = 0V
2000Kohms for IOA in GPC3340B~ GPC3092B
and 200Kohms for others
-
100,
1000
-
Kohm
VDD = 4.5V, IO = 0V
1000Kohms for IOA in GPC3340B~ GPC3092B
and 100Kohms for others
Input Pull Low Resistor
(IOA, IOB, IOC)
RL
-
2000
-
Kohm
VDD = 3.0V, IO = 3.0V
-
1000
-
Kohm
VDD = 4.5V, IO = 4.5V
PWM Driver Current
IPWM
-
180
-
mA
VDD = 3.0V, 8 Ohms load
-
280
-
mA
VDD = 4.5V, 8 Ohms load
Frequency deviation by
voltage drop
⊿F/F
-
2
-
%
Fosc(4.5v)
Fosc(2.4v)
Fosc(4.5v)
FCPU = 6MHz
For GPC3011C/010C EROSC
-
2
-
%
Fosc(3.0v)
Fosc(2.4v)
Fosc(3.0v)
FCPU = 6MHz
For GPC3680A/540A/480A/420A IROSC
-
2
-
%
Fosc(3.0v)
Fosc(2.4v)
Fosc(3.0v)
FCPU = 8MHz
For GPC3680A/540A/480A/420A IROSC
-
2
-
%
Fosc(4.5v)
Fosc(3.0v)
Fosc(4.5v)
FCPU = 6MHz
For GPC3680A/540A/480A/420A IROSC
-
2
-
%
Fosc(4.5v)
Fosc(3.0v)
Fosc(4.5v)
FCPU = 8MHz
For GPC3680A/540A/480A/420A IROSC
-
2
-
%
Fosc(4.5v)
Fosc(2.4v)
Fosc(4.5v)
FCPU = 6MHz,For GPC3341A~GPC3010A/
011C/010C IROSC


Numéro de pièce similaire - GPC3XXXDx-NnnV-C

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-C GENERALPLUS-GPC3002A-C Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-QL09x GENERALPLUS-GPC3002A-QL09x Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3L096A GENERALPLUS-GPC3L096A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPC3L112A GENERALPLUS-GPC3L112A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
More results

Description similaire - GPC3XXXDx-NnnV-C

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCDXXXXA GENERALPLUS-GPCDXXXXA Datasheet
918Kb / 26P
   Mullttii--Channell Sound Conttrollller
GPCD9002A GENERALPLUS-GPCD9002A Datasheet
1Mb / 26P
   Mullttii--Channell Sound Conttrollller
GPC3LXXXX GENERALPLUS-GPC3LXXXX Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPCD2T020A GENERALPLUS-GPCD2T020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD2TP020A GENERALPLUS-GPCD2TP020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD6L106A GENERALPLUS-GPCD6L106A Datasheet
745Kb / 20P
   Mullttii--Channell Sound Conttrollller wiitth DC--DC Boostter
GPCLA1 GENERALPLUS-GPCLA1 Datasheet
428Kb / 19P
   Low Power Sound Conttrollller Seriies
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPL082A1 GENERALPLUS-GPL082A1 Datasheet
467Kb / 10P
   Low Power 7KB LCD Conttrollller
GPL083B1 GENERALPLUS-GPL083B1 Datasheet
355Kb / 11P
   24KB Low Power LCD Conttrollller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com