Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC220-VE3E Fiches technique(PDF) 31 Page - Nuvoton Technology Corporation

No de pièce NUC220-VE3E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC220-VE3E Fiches technique(HTML) 31 Page - Nuvoton Technology Corporation

Back Button NUC220-VE3E Datasheet HTML 27Page - Nuvoton Technology Corporation NUC220-VE3E Datasheet HTML 28Page - Nuvoton Technology Corporation NUC220-VE3E Datasheet HTML 29Page - Nuvoton Technology Corporation NUC220-VE3E Datasheet HTML 30Page - Nuvoton Technology Corporation NUC220-VE3E Datasheet HTML 31Page - Nuvoton Technology Corporation NUC220-VE3E Datasheet HTML 32Page - Nuvoton Technology Corporation NUC220-VE3E Datasheet HTML 33Page - Nuvoton Technology Corporation NUC220-VE3E Datasheet HTML 34Page - Nuvoton Technology Corporation NUC220-VE3E Datasheet HTML 35Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 31 of 107
Rev 1.01
Pin No.
Pin Name
Pin Type Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
I2SMCLK
O
I
2S master clock output pin.
SC2PWR
O
SmartCard2 power pin.
63
38
26
PA.14
I/O
General purpose digital I/O pin.
PWM2
I/O
PWM2 output/Capture input.
SC2RST
O
SmartCard2 reset pin.
AD15
I/O
EBI Address/Data bus bit15
64
39
27
PA.13
I/O
General purpose digital I/O pin.
PWM1
I/O
PWM1 output/Capture input.
SC2CLK
O
SmartCard2 clock pin.
AD14
I/O
EBI Address/Data bus bit14
65
40
28
PA.12
I/O
General purpose digital I/O pin.
PWM0
I/O
PWM0 output/Capture input.
SC2DAT
O
SmartCard2 data pin.
AD13
I/O
EBI Address/Data bus bit13
66
41
29
ICE_DAT
I/O
Serial Wire Debugger Data pin
67
42
30
ICE_CLK
I
Serial Wire Debugger Clock pin
68
VDD
P
Power supply for I/O ports and LDO source for internal PLL and
digital circuit.
69
VSS
P
Ground pin for digital circuit.
70
43
31
AVSS
AP
Ground pin for analog circuit.
71
44
32
PA.0
I/O
General purpose digital I/O pin.
ADC0
AI
ADC0 analog input.
SC0PWR
O
SmartCard0 power pin.
72
45
33
PA.1
I/O
General purpose digital I/O pin.
ADC1
AI
ADC1 analog input.
SC0RST
O
SmartCard0 reset pin.
AD12
I/O
EBI Address/Data bus bit12
73
46
34
PA.2
I/O
General purpose digital I/O pin.
ADC2
AI
ADC2 analog input.
SC0CLK
O
SmartCard0 clock pin.
AD11
I/O
EBI Address/Data bus bit11
74
47
35
PA.3
I/O
General purpose digital I/O pin.
ADC3
AI
ADC3 analog input.


Numéro de pièce similaire - NUC220-VE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC220-VE3E NUVOTON-NUC220-VE3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC220-VE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com