Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC3XXXAx-NnnV-QL09X Fiches technique(PDF) 23 Page - Generalplus Technology Inc.

No de pièce GPC3XXXAx-NnnV-QL09X
Description  3--channell Sound Conttrollller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXAx-NnnV-QL09X Fiches technique(HTML) 23 Page - Generalplus Technology Inc.

Back Button GPC3XXXAx-NnnV-QL09X Datasheet HTML 19Page - Generalplus Technology Inc. GPC3XXXAx-NnnV-QL09X Datasheet HTML 20Page - Generalplus Technology Inc. GPC3XXXAx-NnnV-QL09X Datasheet HTML 21Page - Generalplus Technology Inc. GPC3XXXAx-NnnV-QL09X Datasheet HTML 22Page - Generalplus Technology Inc. GPC3XXXAx-NnnV-QL09X Datasheet HTML 23Page - Generalplus Technology Inc. GPC3XXXAx-NnnV-QL09X Datasheet HTML 24Page - Generalplus Technology Inc. GPC3XXXAx-NnnV-QL09X Datasheet HTML 25Page - Generalplus Technology Inc. GPC3XXXAx-NnnV-QL09X Datasheet HTML 26Page - Generalplus Technology Inc. GPC3XXXAx-NnnV-QL09X Datasheet HTML 27Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
23
Aug. 28, 2017
Version: 2.3
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
-
2
-
%
Fosc(4.5v)
Fosc(2.4v)
Fosc(4.5v)
FCPU = 8MHz,For GPC3341A~GPC3010A/
011C/010C IROSC
-
2
-
%
Fosc(4.5v)
Fosc(2.4v)
Fosc(4.5v)
FCPU = 6MHz, For GPC3340C/D, GPC3256C,
GPC3170A1~GPC3092A1, GPC3170B1 IROSC
-
2
-
%
Fosc(4.5v)
Fosc(2.4v)
Fosc(4.5v)
FCPU = 8MHz, For GPC3340C/D, GPC3256C,
GPC3170A1~GPC3092A1, GPC3170B1 IROSC
Frequency lot deviation
⊿F/F
-7
-
7
%
6MHz
6MHz
Fosc(3.0v)
FCPU = 6MHz @ 3.0V, Rosc=51Kohm
For GPC3011C/010C EROSC
-7
-
7
%
6MHz
6MHz
Fosc(4.5v)
FCPU = 6MHz @ 4.5V, Rosc=51Kohm
For GPC3011C/010C EROSC
-3
-
3
%
Fmax(3.0v)
Fmin(3.0v)
Fmax(3.0v)
FCPU = 6MHz
@
3.0V,For IROSC
-3
-
3
%
Fmax(3.0v)
Fmin(3.0v)
Fmax(3.0v)
FCPU = 8MHz
@
3.0V,For IROSC
-3
-
3
%
Fmax(4.5v)
Fmin(4.5v)
Fmax(4.5v)
FCPU = 6MHz
@
4.5V,For IROSC
-3
-
3
%
Fmax(4.5v)
Fmin(4.5v)
Fmax(4.5v)
FCPU = 8MHz
@
4.5V,For IROSC
*Note: VDDmin may have +/-0.1V variation due to process issue.
**Note: Halt mode is NOT available for GPC3040A/B~GPC3026A/B, GPC3010A/011C/010C.
8.3. (3volt) External Oscillator R Relative FOSC Table for GPC3011C/010C (the table is only for reference)
R(Kohm)
39
51
75
FOSC (MHz)
8
6
4


Numéro de pièce similaire - GPC3XXXAx-NnnV-QL09X

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-C GENERALPLUS-GPC3002A-C Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-QL09x GENERALPLUS-GPC3002A-QL09x Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3L096A GENERALPLUS-GPC3L096A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPC3L112A GENERALPLUS-GPC3L112A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
More results

Description similaire - GPC3XXXAx-NnnV-QL09X

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCDXXXXA GENERALPLUS-GPCDXXXXA Datasheet
918Kb / 26P
   Mullttii--Channell Sound Conttrollller
GPCD9002A GENERALPLUS-GPCD9002A Datasheet
1Mb / 26P
   Mullttii--Channell Sound Conttrollller
GPC3LXXXX GENERALPLUS-GPC3LXXXX Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPCD2T020A GENERALPLUS-GPCD2T020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD2TP020A GENERALPLUS-GPCD2TP020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD6L106A GENERALPLUS-GPCD6L106A Datasheet
745Kb / 20P
   Mullttii--Channell Sound Conttrollller wiitth DC--DC Boostter
GPCLA1 GENERALPLUS-GPCLA1 Datasheet
428Kb / 19P
   Low Power Sound Conttrollller Seriies
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPL082A1 GENERALPLUS-GPL082A1 Datasheet
467Kb / 10P
   Low Power 7KB LCD Conttrollller
GPL083B1 GENERALPLUS-GPL083B1 Datasheet
355Kb / 11P
   24KB Low Power LCD Conttrollller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com