Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC3092B Fiches technique(PDF) 34 Page - Generalplus Technology Inc.

No de pièce GPC3092B
Description  3--channell Sound Conttrollller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3092B Fiches technique(HTML) 34 Page - Generalplus Technology Inc.

Back Button GPC3092B Datasheet HTML 30Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 31Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 32Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 33Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 34Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 35Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 36Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 37Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 38Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
34
Aug. 28, 2017
Version: 2.3
10. PCB LAYOUT GUIDE FOR HEAVY LOADING APPLICATION
To avoid the unexpected noise, which may end up with incorrect CPU operations, the following cares must be exercised while designing a
PCB layout:
1.
Bond all VDD and VSS pins out.
2.
The 0.1uF capacitor placed between VDD and VSS must be as close as possible to IC itself.
3.
Power routes are as independent as possible.
10.1. The PCB layout examples are given as follows
(For GPC3680A~ GPC3256A, GPC3340B~ GPC33256B)
10.2. The PCB layout method (Power line connects in
series) as below is not proposed (For GPC3680A~
GPC3256A, GPC3340B~ GPC33256B)
10.3. The PCB layout example is given as follows (For
GPC3341A)
10.4. The PCB layout method (Power line connects in
series) as below is not proposed (For GPC3341A)


Numéro de pièce similaire - GPC3092B

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-C GENERALPLUS-GPC3002A-C Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-QL09x GENERALPLUS-GPC3002A-QL09x Datasheet
541Kb / 19P
   3-Channel Sound Controller
More results

Description similaire - GPC3092B

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCDXXXXA GENERALPLUS-GPCDXXXXA Datasheet
918Kb / 26P
   Mullttii--Channell Sound Conttrollller
GPCD9002A GENERALPLUS-GPCD9002A Datasheet
1Mb / 26P
   Mullttii--Channell Sound Conttrollller
GPC3LXXXX GENERALPLUS-GPC3LXXXX Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPCD2T020A GENERALPLUS-GPCD2T020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD2TP020A GENERALPLUS-GPCD2TP020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD6L106A GENERALPLUS-GPCD6L106A Datasheet
745Kb / 20P
   Mullttii--Channell Sound Conttrollller wiitth DC--DC Boostter
GPCLA1 GENERALPLUS-GPCLA1 Datasheet
428Kb / 19P
   Low Power Sound Conttrollller Seriies
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPL082A1 GENERALPLUS-GPL082A1 Datasheet
467Kb / 10P
   Low Power 7KB LCD Conttrollller
GPL083B1 GENERALPLUS-GPL083B1 Datasheet
355Kb / 11P
   24KB Low Power LCD Conttrollller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com