Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-LE3E Fiches technique(PDF) 92 Page - Nuvoton Technology Corporation

No de pièce NUC140-LE3E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-LE3E Fiches technique(HTML) 92 Page - Nuvoton Technology Corporation

Back Button NUC140-LE3E Datasheet HTML 88Page - Nuvoton Technology Corporation NUC140-LE3E Datasheet HTML 89Page - Nuvoton Technology Corporation NUC140-LE3E Datasheet HTML 90Page - Nuvoton Technology Corporation NUC140-LE3E Datasheet HTML 91Page - Nuvoton Technology Corporation NUC140-LE3E Datasheet HTML 92Page - Nuvoton Technology Corporation NUC140-LE3E Datasheet HTML 93Page - Nuvoton Technology Corporation NUC140-LE3E Datasheet HTML 94Page - Nuvoton Technology Corporation NUC140-LE3E Datasheet HTML 95Page - Nuvoton Technology Corporation NUC140-LE3E Datasheet HTML 96Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 92 of 107
Rev 1.01
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
IDD16
125
A
3.3V
32.768
kHz
X
X
Operating Current
Normal Run Mode
at 10 kHz
IDD17
125
A
VDD
LIRC
PLL
All IP
5.5V
10 kHz
X
V
IDD18
120
A
5.5V
10 kHz
X
X
IDD19
125
A
3.3V
10 kHz
X
V
IDD20
120
A
3.3V
10 kHz
X
X
Operating Current
Idle Mode
at 50 MHz
IIDLE1
28
mA
VDD
XTAL
PLL
All IP
5.5V
12 MHz
V
V
IIDLE2
10
mA
5.5V
12 MHz
V
X
IIDLE3
27
mA
3.3V
12 MHz
V
V
IIDLE4
9
mA
3.3V
12 MHz
V
X
Operating Current
Idle Mode
at 12 MHz
IIDLE5
7.5
mA
VDD
XTAL
PLL
All IP
5.5V
12 MHz
X
V
IIDLE6
2.4
mA
5.5V
12 MHz
X
X
IIDLE7
6.5
mA
3.3V
12 MHz
X
V
IIDLE8
1.5
mA
3.3V
12 MHz
X
X
Operating Current
Idle Mode
at 4 MHz
IIDLE9
3.3
mA
VDD
XTAL
PLL
All IP
5.5V
4 MHz
X
V
IIDLE10
1.7
mA
5.5V
4 MHz
X
X
IIDLE11
2.4
mA
3.3V
4 MHz
X
V
IIDLE12
0.8
mA
3.3V
4 MHz
X
X
Operating Current
Idle Mode
at 32.768 kHz
IIDLE13
133
A
VDD
XTAL
PLL
All IP
5.5V
32.768
kHz
X
V
IIDLE14
120
A
5.5V
32.768
kHz
X
X
IIDLE15
133
A
3.3V
32.768
kHz
X
V
IIDLE16
120
A
3.3V
32.768
kHz
X
X
Operating Current
IIDLE13
122
A
VDD
LIRC
PLL
All IP


Numéro de pièce similaire - NUC140-LE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-LE3E NUVOTON-NUC140-LE3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-LE3E NUVOTON-NUC140-LE3E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC140-LE3E NUVOTON-NUC140-LE3E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC140-LE3E NUVOTON-NUC140-LE3E Datasheet
2Mb / 97P
   NuMicro
More results

Description similaire - NUC140-LE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com