Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC3256A Fiches technique(PDF) 5 Page - Generalplus Technology Inc.

No de pièce GPC3256A
Description  3--channell Sound Conttrollller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3256A Fiches technique(HTML) 5 Page - Generalplus Technology Inc.

  GPC3256A Datasheet HTML 1Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 2Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 3Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 4Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 5Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 6Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 7Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 8Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
5
Aug. 28, 2017
Version: 2.3
5. GPC3XXXAx/Bx/Cx/Dx FAMILY AND FEATURE LIST
Body
GPC3680A
GPC3540A
GPC3480A
GPC3420A
GPC3341A
-
Voice Duration
680 Sec.
540 Sec.
480 Sec.
420 Sec.
340 Sec.
-
Working
Voltage
2.1~5.5V
2.1~5.5V
2.1~5.5V
2.1~5.5V
2.0~5.5V
-
RAM Size
128B
128B
128B
128B
128B
-
ROM Size
2MB
1632KB
1440KB
1280KB
1024KB(OTP)
-
Clock Source
IROSC
IROSC
IROSC
IROSC
IROSC
-
IO Pin
24 (IOA/B/C)
24 (IOA/B/C)
24 (IOA/B/C)
24 (IOA/B/C)
24 (IOA/B/C)
-
High sink IO
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
-
Hardware
PWMIO
V
V
V
V
V
-
IR
V
V
V
V
V
-
RTC
V
V
V
V
V
-
PWM
Volume
control
V
V
V
V
V
-
Feedback
function
X
X
X
X
X
-
IRQ Interrupt
8
8
8
8
8
-
NMI interrupt
1
1
1
1
1
-
Wakeup source
3
3
3
3
3
-
Body
GPC3340A/B
GPC3256A/B
GPC3340C/D
GPC3256C
GPC3170A/B/A1/
B1
GPC3120A/B/A1
Voice Duration
340 Sec.
256 Sec.
340 Sec.
256 Sec.
170 Sec.
120 Sec.
Working
Voltage
2.0~5.5V
2.0~5.5V
2.0~5.5V
2.0~5.5V
2.0~5.5V
2.0~5.5V
RAM Size
128B
128B
128B
128B
128B
128B
ROM Size
1024KB
768KB
1024KB
768KB
512KB
384KB
Clock Source
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IO Pin
24 (IOA/B/C)
24 (IOA/B/C)
16 (IOA/B)
16 (IOA/B)
16 (IOA/B)
16 (IOA/B)
High sink IO
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
Hardware
PWMIO
V
V
V
V
V
V
IR
V
V
V
V
V
V
RTC
V
V
V
V
V
V
PWM
Volume
control
V
V
V
V
V
V
Feedback
function
X
X
X
X
X
X
IRQ Interrupt
8
8
8
8
8
8
NMI interrupt
1
1
1
1
1
1
Wakeup source
3
3
3
3
3
3
Note1: Only 1M Ohm pull low R is available on IOA[7:0] for GPC3340B~GPC3092B, GPC3340D, and GPC3170B1.


Numéro de pièce similaire - GPC3256A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-C GENERALPLUS-GPC3002A-C Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-QL09x GENERALPLUS-GPC3002A-QL09x Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3L096A GENERALPLUS-GPC3L096A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPC3L112A GENERALPLUS-GPC3L112A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
More results

Description similaire - GPC3256A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCDXXXXA GENERALPLUS-GPCDXXXXA Datasheet
918Kb / 26P
   Mullttii--Channell Sound Conttrollller
GPCD9002A GENERALPLUS-GPCD9002A Datasheet
1Mb / 26P
   Mullttii--Channell Sound Conttrollller
GPC3LXXXX GENERALPLUS-GPC3LXXXX Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPCD2T020A GENERALPLUS-GPCD2T020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD2TP020A GENERALPLUS-GPCD2TP020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD6L106A GENERALPLUS-GPCD6L106A Datasheet
745Kb / 20P
   Mullttii--Channell Sound Conttrollller wiitth DC--DC Boostter
GPCLA1 GENERALPLUS-GPCLA1 Datasheet
428Kb / 19P
   Low Power Sound Conttrollller Seriies
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPL082A1 GENERALPLUS-GPL082A1 Datasheet
467Kb / 10P
   Low Power 7KB LCD Conttrollller
GPL083B1 GENERALPLUS-GPL083B1 Datasheet
355Kb / 11P
   24KB Low Power LCD Conttrollller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com