Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-LE3E Fiches technique(PDF) 54 Page - Nuvoton Technology Corporation

No de pièce NUC100-LE3E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-LE3E Fiches technique(HTML) 54 Page - Nuvoton Technology Corporation

Back Button NUC100-LE3E Datasheet HTML 50Page - Nuvoton Technology Corporation NUC100-LE3E Datasheet HTML 51Page - Nuvoton Technology Corporation NUC100-LE3E Datasheet HTML 52Page - Nuvoton Technology Corporation NUC100-LE3E Datasheet HTML 53Page - Nuvoton Technology Corporation NUC100-LE3E Datasheet HTML 54Page - Nuvoton Technology Corporation NUC100-LE3E Datasheet HTML 55Page - Nuvoton Technology Corporation NUC100-LE3E Datasheet HTML 56Page - Nuvoton Technology Corporation NUC100-LE3E Datasheet HTML 57Page - Nuvoton Technology Corporation NUC100-LE3E Datasheet HTML 58Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 54 of 107
Rev 1.01
USB transceiver power from VBUS offers the power for operating the USB transceiver.
The outputs of internal voltage regulators, LDO and VDD33, require an external capacitor which
should be located close to the corresponding pin. Analog power (AVDD) should be the same
voltage level of the digital power (VDD). Figure 6-8 shows the power distribution of NuMicro
®
NUC100. Figure 6-9 shows the power distribution of NuMicro
® NUC120.
LDO
PLL
12-bit
SAR-ADC
Brown
Out
Detector
POR50
POR18
Low
Voltage
Reset
External
32.768 kHz
Crystal
Analog
Comparator
Temperature
Seneor
FLASH
Digital Logic
1.8V
Internal
22.1184 MHz & 10 kHz
Oscillator
AVDD
AVSS
LDO
1uF
IO cell
GPIO
NUC100 Power Distribution
Figure 6-8 NuMicro
® NUC100 Power Distribution Diagram


Numéro de pièce similaire - NUC100-LE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-LE3E NUVOTON-NUC100-LE3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC100-LE3E NUVOTON-NUC100-LE3E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC100-LE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com