Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BBS-3/4 Fiches technique(PDF) 2 Page - Eaton All Rights Reserved.

No de pièce BBS-3/4
Description  BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BBS-3/4 Fiches technique(HTML) 2 Page - Eaton All Rights Reserved.

  BBS-3/4 Datasheet HTML 1Page - Eaton All Rights Reserved. BBS-3/4 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BBS
600Vac fast-acting supplemental fuses
Technical Data 2010
Effective December 2015
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible
applications.
Eaton, Bussmann and Low-Peak are
valuable trademarks of Eaton in the US
and other countries. You are not permitted
to use the Eaton trademarks without prior
written consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 2010 – BU-SB14287
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
Time-current characteristic curves – average melt:
Current in Amps
100
10
1
0.1
0.01
Amp Rating
Amp rating
Current in amps


Numéro de pièce similaire - BBS-3/4

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
BBS-3/4 COOPER-BBS-3/4 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
BBS-3/4 COOPER-BBS-3/4 Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
More results

Description similaire - BBS-3/4

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
BBS-11 COOPER-BBS-11 Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
   13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KTK EATON-KTK Datasheet
279Kb / 2P
   KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
KLM EATON-KLM Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KLM-1 COOPER-KLM-1_15 Datasheet
318Kb / 2P
   KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
   13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
   BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com