Moteur de recherche de fiches techniques de composants électroniques |
|
NUC120-YB2C Fiches technique(PDF) 10 Page - Nuvoton Technology Corporation |
|
NUC120-YB2C Fiches technique(HTML) 10 Page - Nuvoton Technology Corporation |
10 / 89 page NuMicro ™ NUC120 Data Sheet Publication Release Date: Jan. 2, 2012 - 10 - Revision V2.03 – Full duplex synchronous serial data transfer – Variable length of transfer data from 1 to 32 bits – MSB or LSB first data transfer – Rx and Tx on both rising or falling edge of serial clock independently – 2 slave/device select lines when it is as the master, and 1 slave/device select line when it is as the slave – Support byte suspend mode in 32-bit transmission – Support PDMA mode • I2C – Up to two sets of I 2C device – Master/Slave mode – Bidirectional data transfer between masters and slaves – Multi-master bus (no central master) – Arbitration between simultaneously transmitting masters without corruption of serial data on the bus – Serial clock synchronization allows devices with different bit rates to communicate via one serial bus – Serial clock synchronization can be used as a handshake mechanism to suspend and resume serial transfer – Programmable clocks allow versatile rate control – Support multiple address recognition (four slave address with mask option) • I2S – Interface with external audio CODEC – Operate as either master or slave mode – Capable of handling 8-, 16-, 24- and 32-bit word sizes – Mono and stereo audio data supported – I 2S and MSB justified data format supported – Two 8 word FIFO data buffers are provided, one for transmit and one for receive – Generates interrupt requests when buffer levels cross a programmable boundary – Support two DMA requests, one for transmit and one for receive • PS/2 Device Controller – Host communication inhibit and request to send detection – Reception frame error detection – Programmable 1 to 16 bytes transmit buffer to reduce CPU intervention – Double buffer for data reception – S/W override bus • USB 2.0 Full-Speed Device – One set of USB 2.0 FS Device 12Mbps – On-chip USB Transceiver – Provide 1 interrupt source with 4 interrupt events – Support Control, Bulk In/Out, Interrupt and Isochronous transfers – Auto suspend function when no bus signaling for 3 ms – Provide 6 programmable endpoints – Include 512 Bytes internal SRAM as USB buffer – Provide remote wake-up capability • EBI (External bus interface) support (NuMicro™ NUC100/NUC120 Low Density 64-pin Package Only) – Accessible space: 64KB in 8-bit mode or 128KB in 16-bit mode – Support 8-/16-bit data width – Support byte write in 16-bit data width mode |
Numéro de pièce similaire - NUC120-YB2C |
|
Description similaire - NUC120-YB2C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |