Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC120-YB2C Datasheet(Fiches technique) 81 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-YB2C
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 81 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 81 -
Revision V2.03
7.4.8.1
US
l Characteristi
7.4.8
Specification of USB PHY
B DC Electrica
cs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH
Input high (driven)
2.0
V
VIL
Input
0.8
low
V
VDI
t sensitivity
|PADP-PADM|
0.2
Differential inpu
V
VCM
Differential
common-mode range
es VDI range
0
2.5
Includ
.8
V
VSE
Single-ended receiver threshold
0.8
2.0
V
Receiver hysteresis
200
mV
VOL
Output low (driven)
0
0.3
V
VOH
Output high (driven)
2.8
3.6
V
VCRS
Ou
voltage
tput signal cross
1.3
2.0
V
RPU
Pull
1
1.575
-up resistor
.425
kΩ
VTRM
Termina
Voltage
for
upst
l up (RPU)
3.0
3.6
tion
ream port pul
V
ZDRV
D
ce
Steady state drive*
river output resistan
10
CIN
Tra
tance
Pin to GND
nsceiver capaci
20
pF
*Driver o
eries resistor res tance.
7.4.8.2
USB Full-Speed Driver Electrical Chara
utput resistance doesn’t include s
is
cteristics
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
TFR
Rise Time
4
20
ns
CL=50p
TFF
20
Fall Time
CL=50p
4
ns
TFRFF
Rise and fall time matching
90
111.11
%
TFRFF=TFR/TFF
7.4.8.3
USB Power Dissipation
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Standb
uA
y
50
Input mode
uA
IVDDREG
(Full
Speed)
VD
REG Supply
Current (Stea
Output mode
uA
DD and VDD
dy State)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl