Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-YB2C Fiches technique(PDF) 8 Page - Nuvoton Technology Corporation

No de pièce NUC120-YB2C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-YB2C Fiches technique(HTML) 8 Page - Nuvoton Technology Corporation

Back Button NUC120-YB2C Datasheet HTML 4Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 5Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 6Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 7Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 8Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 9Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 10Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 11Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
2
FEATURES
The equipped features are dependent on the product line and their sub products.
2.1
NuMicro
™ NUC120 Features – USB Line
• Core
ARM
® Cortex™-M0 core runs up to 50 MHz
One 24-bit system timer
Supports low power sleep mode
Single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-levels of priority
Serial Wire Debug supports with 2 watchpoints/4 breakpoints
• Build-in LDO for wide operating voltage ranges from 2.5 V to 5.5 V
• Flash Memory
32K/64K/128K bytes Flash for program code (128KB only support in NuMicro
NUC100/NUC120 Medium Density)
4KB flash for ISP loader
Support In-system program (ISP) application code update
512 byte page erase for flash
Configurable data flash address and size for 128KB system, fixed 4KB data flash for
the 32KB and 64KB system
Support 2 wire ICP update through SWD/ICE interface
Support fast parallel programming mode by external programmer
• SRAM Memory
4K/8K/16K bytes embedded SRAM (16KB only support in NuMicro
™ NUC100/NUC120
Medium Density)
Support PDMA mode
• PDMA (Peripheral DMA)
Support 9 channels PDMA for automatic data transfer between SRAM and peripherals
(Only support 1 channel in NuMicro
™ NUC100/NUC120 Low Density)
• Clock Control
Flexible selection for different applications
Built-in 22.1184 MHz high speed OSC for system operation
Trimmed to
1 % at +25
and V
DD = 5 V
Trimmed to
3 % at -40
~ +85
and V
℃℃
DD = 2.5 V ~ 5.5 V
Built-in 10 KHz low speed OSC for Watchdog Timer and Wake-up operation
Support one PLL, up to 50 MHz, for high performance system operation
External 4~24 MHz high speed crystal input for USB and precise timing operation
External 32.768 kHz low speed crystal input for RTC function and low power system
operation
• GPIO
Four I/O modes:
Quasi bi-direction
Push-Pull output
Open-Drain output
Input only with high impendence
Publication Release Date: Jan. 2, 2012
- 8 -
Revision V2.03


Numéro de pièce similaire - NUC120-YB2C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-YB2C NUVOTON-NUC120-YB2C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-YB2C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com