Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-YB2C Fiches technique(PDF) 51 Page - Nuvoton Technology Corporation

No de pièce NUC120-YB2C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-YB2C Fiches technique(HTML) 51 Page - Nuvoton Technology Corporation

Back Button NUC120-YB2C Datasheet HTML 47Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 48Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 49Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 50Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 51Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 52Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 53Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 54Page - Nuvoton Technology Corporation NUC120-YB2C Datasheet HTML 55Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 51 -
Revision V2.03
5.12.2
ple
no
c
ate receive / transm
4/16/1
AR
ART
try
ds
rt hard
au
ol/
ol
S, R
nd p
RTS flow control trigger level (UART0
T1
mmab
eiv
r
Support programmable baud-rate generator for ea
ually
rt CTS
-up
R
T
Support 7-bit receiver buffer time out detection fun
0/UART1 can be se
he
o
Programmable transmitting data delay time betw
op and the next start bit by
g UA_
LY
Support break error, frame error, pa
d receive / transmit buffer overflow detect
function
progra
e s
c
cs
Programmable number of data bit, 5-, 6-, 7-, 8-bit ch
Progr
le
e
k p
ge
detection
Programmable stop bit, 1, 1.5,
t g
rt IrDA SIR function
Support for 3-/16-bit duration for normal mode
Features
Full du
x, asynchro us communi ations
Separ
payloa
it 6
6 bytes (U
T0/UART1/U
2) en
FIFO for data
Suppo
ware
to flow contr flow contr
and UAR
function (CT
TS) a
rogrammable
support)
Progra
le rec
er buffer trigge level
ch channel individ
Suppo
wake
function (UA T0 and UAR 1 support)
ction
ller
UART
rved by t
DMA contr
een the last st
settin
TOR [D
] register
rity error an
Fully
mmabl
erial-interface haracteristi
aracter
ammab
parity bit, ev n, odd, no parity or stic
arity bit
neration and
or 2 stop bi eneration
Suppo
mode
Support RS-485 function mode. (NuMicro NUC100/NUC120 Low Density only)
Support RS-485 9-bit mode
Support hardware or software direct enable control provided by RTS pin


Numéro de pièce similaire - NUC120-YB2C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-YB2C NUVOTON-NUC120-YB2C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-YB2C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com