Moteur de recherche de fiches techniques de composants électroniques |
|
NUC120-YB2C Fiches technique(PDF) 4 Page - Nuvoton Technology Corporation |
|
NUC120-YB2C Fiches technique(HTML) 4 Page - Nuvoton Technology Corporation |
4 / 89 page NuMicro ™ NUC120 Data Sheet Publication Release Date: Jan. 2, 2012 - 4 - Revision V2.03 7.2.3 Operating Current Curve (Test condition: run NOP).......................................................70 7.2.4 Idle Current Curve ..........................................................................................................72 7.2.5 Power Down Current Curve............................................................................................74 7.3 AC Electrical Characteristics ........................................................................................ 75 7.3.1 External 4~24 MHz High Speed Crystal .........................................................................75 7.3.2 External 32.768 kHz Low Speed Crystal ........................................................................76 7.3.3 Internal 22.1184 MHz High Speed Oscillator..................................................................76 7.3.4 Internal 10 kHz Low Speed Oscillator.............................................................................76 7.4 Analog Characteristics.................................................................................................. 77 7.4.1 Specification of 12-bit SARADC .....................................................................................77 7.4.2 Specification of LDO and Power management...............................................................78 7.4.3 Specification of Low Voltage Reset ................................................................................79 7.4.4 Specification of Brown-Out Detector...............................................................................79 7.4.5 Specification of Power-On Reset (5 V)...........................................................................79 7.4.6 Specification of Temperature Sensor .............................................................................80 7.4.7 Specification of Comparator ...........................................................................................80 7.4.8 Specification of USB PHY ..............................................................................................81 7.5 Flash DC Electrical Characteristics .............................................................................. 82 7.6 SPI Dynamic Characteristics ........................................................................................ 83 8 PACKAGE DIMENSIONS......................................................................................................... 85 8.1 100L LQFP (14x14x1.4 mm footprint 2.0mm) .............................................................. 85 8.2 64L LQFP (10x10x1.4mm footprint 2.0 mm) ................................................................ 86 8.3 48L LQFP (7x7x1.4mm footprint 2.0mm) ..................................................................... 87 9 REVISION HISTORY ................................................................................................................ 88 |
Numéro de pièce similaire - NUC120-YB2C |
|
Description similaire - NUC120-YB2C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |