Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-VD3E Fiches technique(PDF) 8 Page - Nuvoton Technology Corporation

No de pièce NUC120-VD3E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-VD3E Fiches technique(HTML) 8 Page - Nuvoton Technology Corporation

Back Button NUC120-VD3E Datasheet HTML 4Page - Nuvoton Technology Corporation NUC120-VD3E Datasheet HTML 5Page - Nuvoton Technology Corporation NUC120-VD3E Datasheet HTML 6Page - Nuvoton Technology Corporation NUC120-VD3E Datasheet HTML 7Page - Nuvoton Technology Corporation NUC120-VD3E Datasheet HTML 8Page - Nuvoton Technology Corporation NUC120-VD3E Datasheet HTML 9Page - Nuvoton Technology Corporation NUC120-VD3E Datasheet HTML 10Page - Nuvoton Technology Corporation NUC120-VD3E Datasheet HTML 11Page - Nuvoton Technology Corporation NUC120-VD3E Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 8 of 107
Rev 1.01
1
GENERAL DESCRIPTION
The NuMicro
® NUC100 series 32-bit microcontroller (MCU) is embedded with the ARM® Cortex® -
M0 core with the cost equivalent to traditional 8-bit MCU. The NUC100 series can be used in
consumer electronics, industrial control and applications which requiring rich communication
interfaces such as industrial automation, alarm system, energy system and power system.
The NuMicro
® NUC100 Advanced Line and NUC120 USB Line are embedded with the Cortex® -
M0 core running up to 50 MHz and features 32/64/128 Kbytes Flash, 4/8/16 Kbytes embedded
SRAM and 4 Kbytes loader ROM for the ISP. It operates at a wide voltage range of 2.5V ~ 5.5V
and temperature range of -40℃ ~ +85℃. The NUC100 series is also provided with plenty of
peripheral devices, such as Timers, Watchdog Timer, Window Watchdog Timer, RTC, PDMA with
CRC calculation unit, UART, SPI, I
2C, I2S, PWM Timer, GPIO, PS/2, EBI, Smart Card Host, 12-bit
ADC, Analog Comparator, Low Voltage Reset Controller and Brown-out Detector. Additionally,
the NUC120 USB Line is equipped with a USB 2.0 Full-speed Device. These peripherals have
been incorporated into the NUC100 series to reduce component count, board space and system
cost.
The NUC100 series is equipped with ISP (In-System Programming), IAP (In-Application-
Programming) and ICP (In-Circuit Programming) functions, which allows the user to update the
program under software control through the on-chip connectivity interface, such as SWD, UART
and USB.
Product Line
UART
SPI
I
2C
USB
PS/2
I
2S
SC
NUC100xxxDN
3
4
2
-
1
1
3
NUC120xxxDN
3
4
2
1
1
1
3
Table 1-1 NuMicro
® NUC100 Series Connectivity Support Table


Numéro de pièce similaire - NUC120-VD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-VD3E NUVOTON-NUC120-VD3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC120-VD3E NUVOTON-NUC120-VD3E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC120-VD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com