Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-LD3E Fiches technique(PDF) 74 Page - Nuvoton Technology Corporation

No de pièce NUC230-LD3E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-LD3E Fiches technique(HTML) 74 Page - Nuvoton Technology Corporation

Back Button NUC230-LD3E Datasheet HTML 70Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 71Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 72Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 73Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 74Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 75Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 76Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 77Page - Nuvoton Technology Corporation NUC230-LD3E Datasheet HTML 78Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 74 of 107
Rev 1.01
Window Watchdog Timer (WWDT)
6.11
6.11.1
Overview
The purpose of Window Watchdog Timer is to perform a system reset within a specified window
period to prevent software run to uncontrollable status by any unpredictable condition.
6.11.2
Features
6-bit down counter (WWDTVAL[5:0]) and 6-bit compare value (WWDTCR[21:16]
– WINCMP
value) to make the window period flexible
Selectable maximum 11-bit WWDT clock prescale (WWDTCR[11:8]
– PERIODSEL value) to
make WWDT time-out interval variable


Numéro de pièce similaire - NUC230-LD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-LD3E NUVOTON-NUC230-LD3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LD3E NUVOTON-NUC230-LD3E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC230-LD3E NUVOTON-NUC230-LD3E Datasheet
2Mb / 97P
   NuMicro
More results

Description similaire - NUC230-LD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com