Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-VB3E Fiches technique(PDF) 75 Page - Nuvoton Technology Corporation

No de pièce NUC100-VB3E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-VB3E Fiches technique(HTML) 75 Page - Nuvoton Technology Corporation

Back Button NUC100-VB3E Datasheet HTML 71Page - Nuvoton Technology Corporation NUC100-VB3E Datasheet HTML 72Page - Nuvoton Technology Corporation NUC100-VB3E Datasheet HTML 73Page - Nuvoton Technology Corporation NUC100-VB3E Datasheet HTML 74Page - Nuvoton Technology Corporation NUC100-VB3E Datasheet HTML 75Page - Nuvoton Technology Corporation NUC100-VB3E Datasheet HTML 76Page - Nuvoton Technology Corporation NUC100-VB3E Datasheet HTML 77Page - Nuvoton Technology Corporation NUC100-VB3E Datasheet HTML 78Page - Nuvoton Technology Corporation NUC100-VB3E Datasheet HTML 79Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 75 of 107
Rev 1.01
Real Time Clock (RTC)
6.13
6.13.1
Overview
The Real Time Clock (RTC) controller provides user with the real time and calendar message.
The clock source of RTC controller is from an external 32.768 kHz low speed crystal which
connected at pins X32I and X32O (refer to pin Description) or from an external 32.768 kHz low
speed oscillator output fed at pin X32I. The RTC controller provides the real time message (hour,
minute, second) in TLR (RTC Time Loading Register) as well as calendar message (year, month,
day) in CLR (RTC Calendar Loading Register). It also offers RTC alarm function that user can
preset the alarm time in TAR (RTC Time Alarm Register) and alarm calendar in CAR (RTC
Calendar Alarm Register). The data format of RTC time and calendar message are all expressed
in BCD format.
The RTC controller supports periodic RTC Time Tick and Alarm Match interrupts. The periodic
RTC Time Tick interrupt has 8 period interval options 1/128, 1/64, 1/32, 1/16, 1/8, 1/4, 1/2 and 1
second which are selected by TTR (TTR[2:0] Time Tick Register). When real time and calendar
message in TLR and CLR are equal to alarm time and calendar settings in TAR and CAR, the AIF
(RIIR [0] RTC Alarm Interrupt Flag) is set to 1 and the RTC alarm interrupt signal is generated if
the AIER (RIER [0] Alarm Interrupt Enable) is enabled.
Both RTC Time Tick and Alarm Match interrupt signal can cause chip to wake-up from Idle or
Power-down mode if the correlate interrupt enable bit (AIER or TIER) is set to 1 before chip
enters Idle or Power-down mode.
6.13.2
Features
Supports real time counter in TLR (hour, minute, second) and calendar counter in CLR (year,
month, day) for RTC time and calendar check
Supports alarm time (hour, minute, second) and calendar (year, month, day) settings in TAR
and CAR
Selectable 12-hour or 24-hour time scale in TSSR register
Supports Leap Year indication in LIR register
Supports Day of the Week counter in DWR register
Frequency of RTC clock source compensate by FCR register
All time and calendar message expressed in BCD format
Supports periodic RTC Time Tick interrupt with 8 period interval options 1/128, 1/64, 1/32,
1/16, 1/8, 1/4, 1/2 and 1 second
Supports RTC Time Tick and Alarm Match interrupt
Supports chip wake-up from Idle or Power-down mode while a RTC interrupt signal is
generated


Numéro de pièce similaire - NUC100-VB3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-VB3E NUVOTON-NUC100-VB3E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC100-VB3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com