Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-RA3E Fiches technique(PDF) 49 Page - Nuvoton Technology Corporation

No de pièce NUC120-RA3E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-RA3E Fiches technique(HTML) 49 Page - Nuvoton Technology Corporation

Back Button NUC120-RA3E Datasheet HTML 45Page - Nuvoton Technology Corporation NUC120-RA3E Datasheet HTML 46Page - Nuvoton Technology Corporation NUC120-RA3E Datasheet HTML 47Page - Nuvoton Technology Corporation NUC120-RA3E Datasheet HTML 48Page - Nuvoton Technology Corporation NUC120-RA3E Datasheet HTML 49Page - Nuvoton Technology Corporation NUC120-RA3E Datasheet HTML 50Page - Nuvoton Technology Corporation NUC120-RA3E Datasheet HTML 51Page - Nuvoton Technology Corporation NUC120-RA3E Datasheet HTML 52Page - Nuvoton Technology Corporation NUC120-RA3E Datasheet HTML 53Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 49 of 107
Rev 1.01
AVDD voltage is lower than VLVR and the state keeps longer than De-glitch time (16*HCLK cycles),
chip will be reset. The LVR reset will control the chip in reset state until the AVDD voltage rises
above VLVR and the state keeps longer than De-glitch time. The RSTS_RESET (RSTSRC[1]) will
be set to 1 if the previous reset source is nRESET reset. Figure 6-5 shows the Low Voltage Reset
waveform.
AVDD
VLVR
Low Voltage Reset
T1
(<De-glitch time)
T2
(=De-glitch time)
T3
(=De-glitch time)
LVR_EN
100 us
Delay for LVR stable
Figure 6-5 Low Voltage Reset (LVR) Waveform
Brown-out Detector Reset (BOD Reset)
6.2.2.4
If the Brown-out Detector (BOD) function is enabled by setting the Brown-out Detector Enable Bit
BOD_EN (BODCR[0]), Brown-Out Detector function will detect AVDD during system operation.
When the AVDD voltage is lower than VBOD which is decided by BOD_EN (BODCR[0]) and
BOD_VL (BODCR[2:1]) and the state keeps longer than De-glitch time (Max(20*HCLK cycles,
1*LIRC cycle)), chip will be reset. The BOD reset will control the chip in reset state until the AVDD
voltage rises above VBOD and the state keeps longer than De-glitch time. The default value of
BOD_EN, BOD_VL and BOD_RSTEN is set by flash controller user configuration register
CBODEN
(CONFIG0[23]),
CBOV1-0
(CONFIG0[22:21])
and
CBORST
(CONFIG0[20])
respectively. User can determine the initial BOD setting by setting the CONFIG0 register. Figure
6-6 shows the Brown-Out Detector waveform.


Numéro de pièce similaire - NUC120-RA3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-RA3E NUVOTON-NUC120-RA3E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC120-RA3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com