Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC100-YA3E Datasheet(Fiches technique) 49 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-YA3E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 49 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 49 of 107
Rev 1.01
AVDD voltage is lower than VLVR and the state keeps longer than De-glitch time (16*HCLK cycles),
chip will be reset. The LVR reset will control the chip in reset state until the AVDD voltage rises
above VLVR and the state keeps longer than De-glitch time. The RSTS_RESET (RSTSRC[1]) will
be set to 1 if the previous reset source is nRESET reset. Figure 6-5 shows the Low Voltage Reset
waveform.
AVDD
VLVR
Low Voltage Reset
T1
(<De-glitch time)
T2
(=De-glitch time)
T3
(=De-glitch time)
LVR_EN
100 us
Delay for LVR stable
Figure 6-5 Low Voltage Reset (LVR) Waveform
Brown-out Detector Reset (BOD Reset)
6.2.2.4
If the Brown-out Detector (BOD) function is enabled by setting the Brown-out Detector Enable Bit
BOD_EN (BODCR[0]), Brown-Out Detector function will detect AVDD during system operation.
When the AVDD voltage is lower than VBOD which is decided by BOD_EN (BODCR[0]) and
BOD_VL (BODCR[2:1]) and the state keeps longer than De-glitch time (Max(20*HCLK cycles,
1*LIRC cycle)), chip will be reset. The BOD reset will control the chip in reset state until the AVDD
voltage rises above VBOD and the state keeps longer than De-glitch time. The default value of
BOD_EN, BOD_VL and BOD_RSTEN is set by flash controller user configuration register
CBODEN
(CONFIG0[23]),
CBOV1-0
(CONFIG0[22:21])
and
CBORST
(CONFIG0[20])
respectively. User can determine the initial BOD setting by setting the CONFIG0 register. Figure
6-6 shows the Brown-Out Detector waveform.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl