Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-YA3E Fiches technique(PDF) 45 Page - Nuvoton Technology Corporation

No de pièce NUC100-YA3E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-YA3E Fiches technique(HTML) 45 Page - Nuvoton Technology Corporation

Back Button NUC100-YA3E Datasheet HTML 41Page - Nuvoton Technology Corporation NUC100-YA3E Datasheet HTML 42Page - Nuvoton Technology Corporation NUC100-YA3E Datasheet HTML 43Page - Nuvoton Technology Corporation NUC100-YA3E Datasheet HTML 44Page - Nuvoton Technology Corporation NUC100-YA3E Datasheet HTML 45Page - Nuvoton Technology Corporation NUC100-YA3E Datasheet HTML 46Page - Nuvoton Technology Corporation NUC100-YA3E Datasheet HTML 47Page - Nuvoton Technology Corporation NUC100-YA3E Datasheet HTML 48Page - Nuvoton Technology Corporation NUC100-YA3E Datasheet HTML 49Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 45 of 107
Rev 1.01
System Manager
6.2
6.2.1
Overview
The system manager provides the functions of system control, power modes, wake-up sources,
reset sources, system memory map, product ID and multi-function pin control. The following
sections describe the functions for
System Reset
System Power Architecture
System Memory Map
System management registers for Part Number ID, chip reset and on-chip controllers
reset, and multi-functional pin control
System Timer (SysTick)
Nested Vectored Interrupt Controller (NVIC)
System Control registers
6.2.2
System Reset
The system reset can be issued by one of the events listed below. These reset event flags can be
read from RSTSRC register to determine the reset source. Hardware reset can reset chip through
peripheral reset signals. Software reset can trigger reset through control registers.
Hardware Reset Sources
Power-on Reset (POR)
Low level on the nRESET pin
Watchdog Time-out Reset and Window Watchdog Reset (WDT/WWDT Reset)
Low Voltage Reset (LVR)
Brown-out Detector Reset (BOD Reset)
Software Reset Sources
CHIP Reset will reset whole chip by writing 1 to CHIP_RST (IPRSTC1[0])
MCU Reset to reboot but keeping the booting setting from APROM or LDROM
by writing 1 to SYSRESETREQ (AIRCR[2])
CPU Reset for Cortex
® -M0 core Only by writing 1 to CPU_RST (IPRSTC1[1])
Power-on Reset or CHIP_RST (IPRSTC1[0]) reset the whole chip including all peripherals,
external crystal circuit and BS (ISPCON[1]) bit.
SYSRESETREQ (AIRCR[2]) reset the whole chip including all peripherals, but does not reset
external crystal circuit and BS (ISPCON[1]) bit.


Numéro de pièce similaire - NUC100-YA3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-YA3E NUVOTON-NUC100-YA3E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC100-YA3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com