Moteur de recherche de fiches techniques de composants électroniques |
|
A20153200A1 Fiches technique(PDF) 4 Page - Eaton All Rights Reserved. |
|
A20153200A1 Fiches technique(HTML) 4 Page - Eaton All Rights Reserved. |
4 / 6 page For additional product information, visit www.eaton.com/connectors MOUNTING PLATE MP MT 0.144 HOLE w/0.312 C' BORE 0.325 0.12 Option MP Metal inserts with 0.150” dia. hole accept #6 screw. Bulk part number 2MP-J. Option DR Counterbored holes across mount ends of block enable fastening with two screws at right angles to normal mount position. Drilled Right Angle (A2, LP2 only) Mounting Plates Retaining Clip RETAINING CLIP Option RC Use on standoff tubes. Fit panels up to 0.125” thick. Two clips for every five positions. Supplied unassembled. Bulk part number H541-J. Mounting Options 0.32 0.45 0.15 0.25 0.04 Option AB Angle brackets enable block to be fastened at right angles to normal mount position. Bulk part number 2AB-J. Angle Brackets (A2, LP2 only) Right Angle Bends (A2, LP2 only) Right angle terminals are offered on the A2000 & LP2000 Series. Configurations are defined in these dimensions: X = pin extension beyond the block base; Z = length from block base to centerline of the terminal tip. Standard bends consist of the X and Z dimensions shown in the chart. Specify by adding the selected Bend Option Code to the terminal part number. X Z 0.82 X Z 0.55 07 Terminal Bend Configurations 04 Terminal Bend Configurations Bend Available Option X Z w/insulator Code (minimum) base R30 0.04 0.28 No R35 0.01 0.23 No R36 0.02 0.22 No R39 0.05 0.19 No R42 0.08 0.16 No R46 0.12 0.12 No R48 0.14 0.10 No R50 0.16 0.08 No Bend Available Option X Z w/insulator Code (minimum) base R30 0.04 0.55 Yes R35 0.01 0.50 Yes R36 0.02 0.49 Yes R42 0.08 0.43 Yes R46 0.12 0.39 Yes R50 0.16 0.35 No R53 0.19 0.32 No R66 0.32 0.19 No R69 0.35 0.16 No R75 0.41 0.10 No R77 0.43 0.08 No Dimensions in inches. To convert to millimeters, multiply by 25.4. Series A2000 & LP2000 Single Row Terminal Blocks Continued Terminal Blocks - Single Row 11 |
Numéro de pièce similaire - A20153200A1 |
|
Description similaire - A20153200A1 |