Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-RD2E Fiches technique(PDF) 16 Page - Nuvoton Technology Corporation

No de pièce NUC230-RD2E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-RD2E Fiches technique(HTML) 16 Page - Nuvoton Technology Corporation

Back Button NUC230-RD2E Datasheet HTML 12Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 13Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 14Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 15Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 16Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 17Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 18Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 19Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 20Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 16 of 107
Rev 1.01
Up to two analog comparators
External input or internal Band-gap voltage selectable at negative node
Interrupt when compare results change
Supports Power-down wake-up
Smart Card Host (SC)
Compliant to ISO-7816-3 T=0, T=1
Supports up to three ISO-7816-3 ports
Separate receive / transmit 4 bytes entry FIFO for data payloads
Programmable transmission clock frequency
Programmable receiver buffer trigger level
Programmable guard time selection (11 ETU ~ 266 ETU)
One 24-bit and two 8-bit time-out counters for Answer to Request (ATR) and waiting
times processing
Supports auto inverse convention function
Supports transmitter and receiver error retry and error limit function
Supports hardware activation sequence process
Supports hardware warm reset sequence process
Supports hardware deactivation sequence process
Supports hardware auto deactivation sequence when detecting the card removal
96-bit unique ID (UID)
One built-in temperature sensor with 1℃ resolution
Brown-out Detector
With 4 levels: 4.4 V/3.7 V/2.7 V/2.2 V
Supports Brown-out Interrupt and Reset option
Low Voltage Reset
Threshold voltage level: 2.0 V
Operating Temperature: -40℃ ~ 85℃
Packages:
All Green package (RoHS)
LQFP 100-pin
LQFP 64-pin
LQFP48-pin


Numéro de pièce similaire - NUC230-RD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-LC1C NUVOTON-NUC230-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC1E NUVOTON-NUC230-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC1N NUVOTON-NUC230-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC2C NUVOTON-NUC230-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC2C NUVOTON-NUC230-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC230-RD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com