Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT573ADWR Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
SN74ABT573ADWR Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 18 page MECHANICAL DATA MCFP006B − JANUARY 1995 − REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 W (R-GDFP-F20) CERAMIC DUAL FLATPACK 10 11 0.250 (6,35) 0.370 (9,40) 20 1 0.245 (6,22) 0.004 (0,10) 0.026 (0,66) 4 Places 0.015 (0,38) 0.045 (1,14) 0.009 (0,23) 0.045 (1,14) Base and Seating Plane 0.005 (0,13) MIN 0.022 (0,56) 0.300 (7,62) 0.100 (2,54) 4040180-4 /D 07/03 0.320 (8,13) MAX 0.250 (6,35) 0.370 (9,40) 0.540 (13,72) MAX 0.050 (1,27) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Index point is provided on cap for terminal identification only. E. Falls within Mil-Std 1835 GDFP2-F20 |
Numéro de pièce similaire - SN74ABT573ADWR |
|
Description similaire - SN74ABT573ADWR |