Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC200-VC2E Fiches technique(PDF) 98 Page - Nuvoton Technology Corporation

No de pièce NUC200-VC2E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC200-VC2E Fiches technique(HTML) 98 Page - Nuvoton Technology Corporation

Back Button NUC200-VC2E Datasheet HTML 94Page - Nuvoton Technology Corporation NUC200-VC2E Datasheet HTML 95Page - Nuvoton Technology Corporation NUC200-VC2E Datasheet HTML 96Page - Nuvoton Technology Corporation NUC200-VC2E Datasheet HTML 97Page - Nuvoton Technology Corporation NUC200-VC2E Datasheet HTML 98Page - Nuvoton Technology Corporation NUC200-VC2E Datasheet HTML 99Page - Nuvoton Technology Corporation NUC200-VC2E Datasheet HTML 100Page - Nuvoton Technology Corporation NUC200-VC2E Datasheet HTML 101Page - Nuvoton Technology Corporation NUC200-VC2E Datasheet HTML 102Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 98 of 107
Rev 1.01
8.4.3
Low Voltage Reset Specification
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation Voltage
-
0
-
5.5
V
Quiescent Current
VDD=5.5 V
-
1
5
A
Operation Temperature
-
-40
25
85
Threshold Voltage
Temperature=25℃
1.7
2.0
2.3
V
Temperature=-40℃
-
2.4
-
V
Temperature=85℃
-
1.6
-
V
Hysteresis
-
0
0
0
V
8.4.4
Brown-out Detector Specification
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation Voltage
-
0
-
5.5
V
Temperature
-
-40
25
85
Quiescent Current
AVDD=5.5 V
-
-
125
μA
Brown-out Voltage
BOD_VL[1:0]=11
4.2
4.4
4.6
V
BOD_VL [1:0]=10
3.5
3.7
3.9
V
BOD_VL [1:0]=01
2.6
2.7
2.8
V
BOD_VL [1:0]=00
2.1
2.2
2.3
V
Hysteresis
-
30
-
150
mV
8.4.5
Power-on Reset Specification
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Operation Temperature
-
-40
25
85
Reset Voltage
V+
-
2
-
V
Quiescent Current
Vin > reset voltage
-
1
-
nA


Numéro de pièce similaire - NUC200-VC2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC200-VC2E NUVOTON-NUC200-VC2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC200-VC2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com