Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-LA3E Fiches technique(PDF) 54 Page - Nuvoton Technology Corporation

No de pièce NUC130-LA3E
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-LA3E Fiches technique(HTML) 54 Page - Nuvoton Technology Corporation

Back Button NUC130-LA3E Datasheet HTML 50Page - Nuvoton Technology Corporation NUC130-LA3E Datasheet HTML 51Page - Nuvoton Technology Corporation NUC130-LA3E Datasheet HTML 52Page - Nuvoton Technology Corporation NUC130-LA3E Datasheet HTML 53Page - Nuvoton Technology Corporation NUC130-LA3E Datasheet HTML 54Page - Nuvoton Technology Corporation NUC130-LA3E Datasheet HTML 55Page - Nuvoton Technology Corporation NUC130-LA3E Datasheet HTML 56Page - Nuvoton Technology Corporation NUC130-LA3E Datasheet HTML 57Page - Nuvoton Technology Corporation NUC130-LA3E Datasheet HTML 58Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 54 -
Revision V2.03
onverter (ADC)
/D converters can
be started by software and external STADC pin.
uaranteed
differential analog input channels
Single mode: A/D conversion is performed one time on a specified channel
Single-cycle scan mode: A/D conversion is performed one cycle on all specified
channels with the sequence from the lowest numbered channel to the highest
numbered channel
Continuous scan mode: A/D converter continuously performs Single-cycle scan mode
until software stops A/D conversion
An A/D conversion can be started by
Software write 1 to ADST bit
External pin STADC
Conversion results are held in data registers for each channel with valid and overrun
indicators
Conversion result can be compared with specify value and user can select whether to
generate an interrupt when conversion result is equal to the compare register setting
Channel 7 supports 3 input sources: external analog voltage, internal bandgap voltage,
and internal temperature sensor output
Support Self-calibration to minimize conversion error
5.15 Analog-to-Digital C
5.15.1 Overview
NuMicro
™ NUC100 Series contains one 12-bit successive approximation analog-to-digital
converters (SAR A/D converter) with 8 input channels. The A/D converter supports three
operation modes: single, single-cycle scan and continuous scan mode. The A
5.15.2 Features
Analog input voltage range: 0~VREF
12-bit resolution and 10-bit accuracy is g
Up to 8 single-end analog input channels or 4
Maximum ADC clock frequency is 16 MHz
Up to 600K SPS conversion rate
Three operating modes


Numéro de pièce similaire - NUC130-LA3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-LA3E NUVOTON-NUC130-LA3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC130-LA3E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com