Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-YA2E Fiches technique(PDF) 64 Page - Nuvoton Technology Corporation

No de pièce NUC140-YA2E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-YA2E Fiches technique(HTML) 64 Page - Nuvoton Technology Corporation

Back Button NUC140-YA2E Datasheet HTML 60Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 61Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 62Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 63Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 64Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 65Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 66Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 67Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 68Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 64 of 107
Rev 1.01
6.3.4
Peripherals Clock
The peripherals clock can be selected as different clock source depends on the clock source
select control registers (CLKSEL1, CLKSEL2 and CLKSEL3).
6.3.5
Power-down Mode Clock
When chip enters Power-down mode, system clocks, some clock sources, and some peripheral
clocks will be disabled. Some clock sources and peripherals clocks are still active in Power-down
mode.
The clocks still kept active are listed below:
Clock Generator
Internal 10 kHz low speed oscillator clock
External 32.768 kHz low speed crystal clock
Peripherals Clock (when IP adopt external 32.768 kHz low speed crystal oscillator or
10 kHz low speed oscillator as clock source)
6.3.6
Frequency Divider Output
This device is equipped with a power-of-2 frequency divider which is composed by16 chained
divide-by-2 shift registers. One of the 16 shift register outputs selected by a sixteen to one
multiplexer is reflected to CLKO function pin. Therefore there are 16 options of power-of-2 divided
clocks with the frequency from Fin/2
1 to F
in/2
16 where Fin is input clock frequency to the clock
divider.
The output formula is Fout = Fin/2
(N+1), where F
in is the input clock frequency, Fout is the clock
divider output frequency and N is the 4-bit value in FSEL (FRQDIV[3:0]).
When writing 1 to DIVIDER_EN (FRQDIV[4]), the chained counter starts to count. When writing 0
to DIVIDER_EN (FRQDIV[4]), the chained counter continuously runs till divided clock reaches low
state and stay in low state.
11
10
01
00
HCLK
32.768 kHz
4~24 MHz
22.1184 MHz
FRQDIV_S (CLKSEL2[3:2])
FDIV_EN(APBCLK[6])
FRQDIV_CLK
Note: Before clock switching, both the pre-selected and newly
selected clock sources must be turned on and stable.
Figure 6-14 Clock Source of Frequency Divider


Numéro de pièce similaire - NUC140-YA2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-YA2E NUVOTON-NUC140-YA2E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-YA2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com