Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI91821DH-28-T1-E3 Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce SI91821DH-28-T1-E3
Description  Micropower 300-mA CMOS LDO Regulator With Error Flag
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91821DH-28-T1-E3 Fiches technique(HTML) 6 Page - Vishay Siliconix

Back Button SI91821DH-28-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI91821DH-28-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI91821DH-28-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI91821DH-28-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI91821DH-28-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI91821DH-28-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI91821DH-28-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI91821DH-28-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI91821DH-28-T1-E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Si91821
Vishay Siliconix
www.vishay.com
6
Document Number: 71614
S-51147–Rev. E, 20-Jun-05
DETAILED DESCRIPTION
The Si91821 is a low drop out, low quiescent current, and very
linear regulator with very fast transient response. It is primarily
designed for battery powered applications where battery run
time is at a premium. The low quiescent current allows
extended standby time while low drop out voltage enables the
system to fully utilize battery power before recharge. The
Si91821 is a very fast regulator with bandwidth exceeding
50 kHz while maintaining low quiescent current at light load
conditions. With this bandwidth, the Si91821 is the fastest
LDO available today. The Si91821 is stable with any output
capacitor type from 1 mF to 10.0 mF. However, X5R or X7R
ceramic capacitors are recommended for best output noise
and transient performance.
VIN
VIN is the input supply pin. The bypass capacitor for this pin
is not critical as long as the input supply has low enough source
impedance. For practical circuits, a 1.0-mF or larger ceramic
capacitor is recommended. When the source impedance is
not low enough and/or the source is several inches from the
Si91821, then a larger input bypass capacitor is needed. It is
required that the equivalent impedance (source impedance,
wire, and trace impedance in parallel with input bypass
capacitor impedance) must be smaller than the input
impedance of the Si91821 for stable operation. When the
source impedance, wire, and trace impedance are unknown,
it is recommended that an input bypass capacitor be used of
a value that is equal to or greater than the output capacitor.
VOUT
VOUT is the output voltage of the regulator. Connect a bypass
capacitor from VOUT to ground. The output capacitor can be
any value from 1.0 mF to 10.0 mF. A ceramic capacitor with
X5R or X7R dielectric type is recommended for best output
noise, line transient, and load transient performance.
GND
Ground is the common ground connection for VIN and VOUT.
It is also the local ground connection for CNOISE, SET, and SD.
SET
SET is not connected internally for the fixed voltage version.
Therefore, it can be connected to GND optionally. For the
adjustable output version, use a resistor divider R1 and R2,
connect R1 from VOUT to SET and R2 from SET to ground. R2
should be in the 25-kW to 150-kW range for low power
consumption, while maintaining adequate noise immunity.
The formula below calculates the value of R1, given the
desired output voltage and the R2 value.
R1 +
VOUT * VSET R2
VSET
(1)
VSET is nominally 1.215 V.
SHUTDOWN (SD)
SD controls the turning on and off of the Si91821. VOUT is
guaranteed to be on when the SD pin voltage equals or is
greater than 1.5 V. VOUT is guaranteed to be off when the SD
pin voltage equals or is less than 0.4 V. During shutdown
mode, the Si91821 will draw less than 2-mA current from the
source. To automatically turn on VOUT whenever the input is
applied, tie the SD pin to VIN.
ERROR
ERROR is an open drain output that goes low when VOUT is
less than 5% of its normal value. As with any open drain output,
an external pull up resistor is needed. This function is active
in shutdown.
The ERROR pin must be left opened if not used.
CNOISE
For low noise application, connect a high frequency ceramic
capacitor from CNOISE to ground. A 0.01-mF or a 0.1-mF X5R
or X7R is recommended.


Numéro de pièce similaire - SI91821DH-28-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI91822DB VISHAY-SI91822DB Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI91822DH-12-T1 VISHAY-SI91822DH-12-T1 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI91822DH-15-T1 VISHAY-SI91822DH-15-T1 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
More results

Description similaire - SI91821DH-28-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com