Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NUC220-YA2E Datasheet(Fiches technique) 13 Page - Nuvoton Technology Corporation

Numéro de pièce NUC220-YA2E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

 13 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 13 of 107
Rev 1.01
NuMicro
® NUC120 Features – USB Line
2.2
ARM
® Cortex® -M0 core
Runs up to 50 MHz
One 24-bit system timer
Supports low power sleep mode
Single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-levels of priority
Serial Wire Debug supports with 2 watchpoints/4 breakpoints
Built-in LDO for wide operating voltage ranges from 2.5 V to 5.5 V
Flash Memory
32/64/128 Kbytes Flash for program code
4 KB flash for ISP loader
Supports In-System-Program (ISP) and In-Application-Program (IAP) application code
update
512 byte page erase for flash
Configurable Data Flash address and size for 128 KB system, fixed 4 KB Data Flash
for the 32 KB and 64 KB system
Supports 2-wired ICP update through SWD/ICE interface
Supports fast parallel programming mode by external programmer
SRAM Memory
4/8/16 Kbytes embedded SRAM
Supports PDMA mode
PDMA (Peripheral DMA)
Supports 9 channels PDMA for automatic data transfer between SRAM and
peripherals
Supports CRC calculation with four common polynomials, CRC-CCITT, CRC-8, CRC-
16 and CRC-32
Clock Control
Flexible selection for different applications
Built-in 22.1184 MHz high speed oscillator for system operation
Trimmed to ±1 % at +25 ℃ and VDD = 5 V
Trimmed to ±3 % at -40 ℃ ~ +85 ℃ and VDD = 2.5 V ~ 5.5 V
Built-in 10 kHz low speed oscillator for Watchdog Timer and Wake-up operation
Supports one PLL, up to 50 MHz, for high performance system operation
External 4~24 MHz high speed crystal input for USB and precise timing operation
External 32.768 kHz low speed crystal input for RTC function and low power system
operation
GPIO
Four I/O modes:
Quasi-bidirectional
Push-pull output
Open-drain output
Input only with high impendence
TTL/Schmitt trigger input selectable
I/O pin configured as interrupt source with edge/level setting
Timer
Supports 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit prescale counter
Independent clock source for each timer
Provides one-shot, periodic, toggle and continuous counting operation modes




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl